Electronic Components Datasheet Search
  English  ▼

X  

ADP2230 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet(HTML) 2 Page - Analog Devices

  ADP2230 Datasheet HTML 1Page - Analog Devices ADP2230 Datasheet HTML 2Page - Analog Devices ADP2230 Datasheet HTML 3Page - Analog Devices ADP2230 Datasheet HTML 4Page - Analog Devices ADP2230 Datasheet HTML 5Page - Analog Devices ADP2230 Datasheet HTML 6Page - Analog Devices ADP2230 Datasheet HTML 7Page - Analog Devices ADP2230 Datasheet HTML 8Page - Analog Devices ADP2230 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADP2230
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Application Circuit ............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Recommended Component Specifications............................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 12
Overview ..................................................................................... 12
Operating Conditions................................................................ 12
SYNC Pin Control Schemes...................................................... 13
Features Descriptions ................................................................ 13
Applications Information .............................................................. 15
Setting the Output Voltage........................................................ 15
Selecting the Inductor................................................................ 15
Selecting the Input and Output Capacitors ............................ 16
PCB Layout Considerations.......................................................... 17
Outline Dimensions....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
11/14—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 18
10/14—Revision 0: Initial Version
Rev. A | Page 2 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com