Electronic Components Datasheet Search
  English  ▼

X  

CDCVF2310 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310
Description  High-Performance Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310 Datasheet(HTML) 3 Page - Texas Instruments

  CDCVF2310 Datasheet HTML 1Page - Texas Instruments CDCVF2310 Datasheet HTML 2Page - Texas Instruments CDCVF2310 Datasheet HTML 3Page - Texas Instruments CDCVF2310 Datasheet HTML 4Page - Texas Instruments CDCVF2310 Datasheet HTML 5Page - Texas Instruments CDCVF2310 Datasheet HTML 6Page - Texas Instruments CDCVF2310 Datasheet HTML 7Page - Texas Instruments CDCVF2310 Datasheet HTML 8Page - Texas Instruments CDCVF2310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
VDD
1Y0
1Y1
1Y2
GND
GND
1Y3
1Y4
VDD
1G
2Y4
CLK
VDD
VDD
2Y0
2Y1
GND
GND
2Y2
2Y3
VDD
VDD
2G
CDCVF2310
www.ti.com
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
PW Package
24-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Output enable control for 1Y[0:4] outputs. This output enable is active-high, meaning the
1G
11
I
1Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic high.
Output enable control for 2Y[0:4] outputs. This output enable is active-high, meaning the
2G
13
I
2Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic high.
1Y[0:4]
3, 4, 5, 8, 9
O
Buffered output clocks
2Y[0:4]
21, 20, 17, 16, 12
O
Buffered output clocks
CLK
24
I
Input reference frequency
GND
1, 6, 7, 18, 19
—
Ground
2, 10, 14, 15, 22,
VDD
—
DC power supply, 2.3 V – 3.6 V
23
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
4.6
V
VI
(2) (3)
Input voltage
–0.5
VDD + 0.5
V
VO
(2) (3)
Output voltage
–0.5
VDD + 0.5
V
IIK
Input clamp current VI < 0 or VI> VDD
±50
mA
Output clamp
IOK
VO < 0 or VO > VDD
±50
mA
current
Continuous total
IO
VO = 0 to VDD
±50
mA
output current
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCVF2310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com