Electronic Components Datasheet Search
  English  ▼

X  

CDCVF2310 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310
Description  High-Performance Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310 Datasheet(HTML) 1 Page - Texas Instruments

  CDCVF2310 Datasheet HTML 1Page - Texas Instruments CDCVF2310 Datasheet HTML 2Page - Texas Instruments CDCVF2310 Datasheet HTML 3Page - Texas Instruments CDCVF2310 Datasheet HTML 4Page - Texas Instruments CDCVF2310 Datasheet HTML 5Page - Texas Instruments CDCVF2310 Datasheet HTML 6Page - Texas Instruments CDCVF2310 Datasheet HTML 7Page - Texas Instruments CDCVF2310 Datasheet HTML 8Page - Texas Instruments CDCVF2310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Logic
V
DD
5
1Y(4...0)
CLK
1G
CDCVF2310
25
5
25
2Y(4...0)
Logic
2G
GND
V
DD VDD VDD VDD VDD
GND GND GND GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CDCVF2310
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
CDCVF2310 2.5-V to 3.3-V High-Performance Clock Buffer
1 Features
3 Description
The CDCVF2310 device is a high-performance, low-
1
•
High-Performance 1:10 Clock Driver
skew clock buffer that operates up to 200 MHz. Two
•
Operates up to 200 MHz at VDD 3.3 V
banks of five outputs each provide low-skew copies
•
Pin-to-Pin Skew < 100 ps at VDD 3.3 V
of CLK. After power up, the default state of the
outputs is low regardless of the state of the control
•
VDD Range: 2.3 V to 3.6 V
pins. For normal operation, the outputs of bank
•
Operating Temperature Range –40°C to 105°C
1Y[0:4] or 2Y[0:4] can be placed in a low state when
•
Supports 105ºC Ambient Temperature (see
the control pins (1G or 2G, respectively) are held low
Thermal Considerations)
and a negative clock edge is detected on the CLK
input. The outputs of bank 1Y[0:4] or 2Y[0:4] can be
•
Output Enable Glitch Suppression
switched into the buffer mode when the control pins
•
Distributes One Clock Input to Two Banks of Five
(1G and 2G) are held high and a negative clock edge
Outputs
is detected on the CLK input. The device operates in
•
25-
Ω On-Chip Series Damping Resistors
a 2.5-V and 3.3-V environment. The built-in output
enable glitch suppression ensures a synchronized
•
Packaged in 24-Pin TSSOP
output enable sequence to distribute full period clock
signals.
2 Applications
The CDCVF2310 is characterized for operation from
•
General-Purpose Applications
–40°C to 85°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCVF2310
TSSOP (24)
4.40 mm × 7.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDCVF2310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI-CDCVF2310 Datasheet
736Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI2-CDCVF2310 Datasheet
506Kb / 25P
CDCVF2310 2.5-V to 3.3-V High-Performance Clock Buffer
REVISED OCTOBER 2015
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI2-CDCVF2310-EP Datasheet
506Kb / 25P
CDCVF2310 2.5-V to 3.3-V High-Performance Clock Buffer
REVISED OCTOBER 2015
More results

Similar Description - CDCVF2310

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
CLOCK BUFFER PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
High-performance fanout buffer clock and fanout buffer
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
LVCMOS High-Performance Clock Buffer Family
logo
Renesas Technology Corp
5V2305S RENESAS-5V2305S Datasheet
317Kb / 11P
High-Performance 1 to 5 Clock Buffer
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com