Electronic Components Datasheet Search
  English  ▼

X  

CDCVF2310 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310
Description  High-Performance Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCVF2310 Datasheet HTML 5Page - Texas Instruments CDCVF2310 Datasheet HTML 6Page - Texas Instruments CDCVF2310 Datasheet HTML 7Page - Texas Instruments CDCVF2310 Datasheet HTML 8Page - Texas Instruments CDCVF2310 Datasheet HTML 9Page - Texas Instruments CDCVF2310 Datasheet HTML 10Page - Texas Instruments CDCVF2310 Datasheet HTML 11Page - Texas Instruments CDCVF2310 Datasheet HTML 12Page - Texas Instruments CDCVF2310 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
25
25
25
25
25
25
25
25
25
25
Logic Control
Logic Control
3
4
5
8
9
21
20
17
16
12
1Y0
1Y1
1Y2
1Y3
1Y4
2Y0
2Y1
2Y2
2Y3
2Y4
1G
2G
CLK
11
13
24
CDCVF2310
www.ti.com
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The CDCVF2310 is a high-performance, low-skew clock buffer that operates up to 200 MHz. Two banks of five
outputs each provide low-skew copies of CLK. After power up, the default state of the outputs is low regardless
of the state of the control pins. For normal operation, the outputs of bank 1Y[0:4] or 2Y[0:4] can be placed in a
low state when the control pins (1G or 2G, respectively) are held low and a negative clock edge is detected on
the CLK input. The outputs of bank 1Y[0:4] or 2Y[0:4] can be switched into the buffer mode when the control pins
(1G and 2G) are held high and a negative clock edge is detected on the CLK input. The device operates in a 2.5-
V and 3.3-V environment. The built-in output enable glitch suppression ensures a synchronized output enable
sequence to distribute full period clock signals.
8.2 Functional Block Diagram
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CDCVF2310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com