Electronic Components Datasheet Search
  English  ▼

X  

CDCVF2310 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310
Description  High-Performance Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCVF2310 Datasheet HTML 4Page - Texas Instruments CDCVF2310 Datasheet HTML 5Page - Texas Instruments CDCVF2310 Datasheet HTML 6Page - Texas Instruments CDCVF2310 Datasheet HTML 7Page - Texas Instruments CDCVF2310 Datasheet HTML 8Page - Texas Instruments CDCVF2310 Datasheet HTML 9Page - Texas Instruments CDCVF2310 Datasheet HTML 10Page - Texas Instruments CDCVF2310 Datasheet HTML 11Page - Texas Instruments CDCVF2310 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
50% VDD
50% VDD
CLK
Yn
tPLH
tPHL
VDD
0 V
VOL
VOH
50% VDD
50% VDD
VDD
0 V
VOL
VOH
VOL
VOH
CLK
Any Y
Any Y
tsk(o)
tsk(o)
1.7 V or 2 V
0.4 V
0.4 V
tPLH
tPHL
50% VDD
50% VDD
VDD
0 V
VOH
VOL
tr
tf
CLK
Yn
500
CL = 25 pF on Yn
From Output
Under Test
CDCVF2310
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
www.ti.com
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 200 MHz, ZO = 50 Ω,
tr < 1.2 ns, tf < 1.2 ns.
Figure 2. Test Load Circuit
Figure 3. Voltage Waveforms Propagation Delay Times
Figure 4. Output Skew
NOTE: tsk(p) = | tPLH – tPHL |
Figure 5. Pulse Skew
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: CDCVF2310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com