Electronic Components Datasheet Search
  English  ▼

X  

CDCVF2310 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310
Description  High-Performance Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310 Datasheet(HTML) 4 Page - Texas Instruments

  CDCVF2310 Datasheet HTML 1Page - Texas Instruments CDCVF2310 Datasheet HTML 2Page - Texas Instruments CDCVF2310 Datasheet HTML 3Page - Texas Instruments CDCVF2310 Datasheet HTML 4Page - Texas Instruments CDCVF2310 Datasheet HTML 5Page - Texas Instruments CDCVF2310 Datasheet HTML 6Page - Texas Instruments CDCVF2310 Datasheet HTML 7Page - Texas Instruments CDCVF2310 Datasheet HTML 8Page - Texas Instruments CDCVF2310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CDCVF2310
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
2000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
See
(1)
MIN
NOM
MAX UNIT
2.3
2.5
VDD
Supply voltage
V
3.3
3.6
VDD = 3 V to 3.6 V
0.8
VIL
Low-level input voltage
V
VDD = 2.3 V to 2.7 V
0.7
VDD = 3 V to 3.6 V
2
VIH
High-level input voltage
V
VDD = 2.3 V to 2.7 V
1.7
VI
Input voltage
0
VDD
V
VDD = 3 V to 3.6 V
12
IOH
High-level output current
mA
VDD = 2.3 V to 2.7 V
6
VDD = 3 V to 3.6 V
12
IOL
Low-level output current
mA
VDD = 2.3 V to 2.7 V
6
TA
Operating free-air temperature
–40
85
°C
(1)
Unused inputs must be held high or low to prevent them from floating.
6.4 Thermal Information
CDCVF2310
THERMAL METRIC (1)
PW (TSSOP)
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
91.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.2
°C/W
RθJB
Junction-to-board thermal resistance
46.4
°C/W
ψJT
Junction-to-top characterization parameter
1.5
°C/W
ψJB
Junction-to-board characterization parameter
45.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input voltage
VDD = 3 V
II = –18 mA
–1.2
V
II
Input current
VI = 0 V or VDD
±5
μA
-40°C to 85°C
80
μA
CLK = 0 V or VDD ,
IDD
Static device current
IO = 0 mA
≤105°C
100
μA
CI
Input capacitance
VDD = 2.3 V to 3.6 V
VI = 0 V or VDD
2.5
pF
CO
Output capacitance
VDD = 2.3 V to 3.6 V
VI = 0 V or VDD
2.8
pF
(1)
All typical values are at respective nominal VDD.
4
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: CDCVF2310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com