Electronic Components Datasheet Search
  English  ▼

X  

CDCVF2310 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310
Description  High-Performance Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCVF2310 Datasheet HTML 10Page - Texas Instruments CDCVF2310 Datasheet HTML 11Page - Texas Instruments CDCVF2310 Datasheet HTML 12Page - Texas Instruments CDCVF2310 Datasheet HTML 13Page - Texas Instruments CDCVF2310 Datasheet HTML 14Page - Texas Instruments CDCVF2310 Datasheet HTML 15Page - Texas Instruments CDCVF2310 Datasheet HTML 16Page - Texas Instruments CDCVF2310 Datasheet HTML 17Page - Texas Instruments CDCVF2310 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Chip
Supply
C
0.1 µF
V
CC
Ferrite Bead
C
1 µF
C
10 µF
Board
Supply
CDCVF2310
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
www.ti.com
10 Power Supply Recommendations
High-performance clock buffers are sensitive to noise on the power supply, which can dramatically increase the
additive jitter of the buffer. Thus, it is essential to reduce noise from the system power supply, especially when
jitter or phase noise is critical to applications.
Filter capacitors are used to eliminate the low-frequency noise from the power supply, where the bypass
capacitors provide the very low impedance path for high-frequency noise and guards the power supply system
against induced fluctuations. These bypass capacitors also provide instantaneous current surges as required by
the device and should have low equivalent series resistance (ESR). To properly use the bypass capacitors, they
must be placed very close to the power-supply terminals and laid out with short loops to minimize inductance. TI
recommends adding as many high-frequency (for example, 0.1 µF) bypass capacitors, as there are supply
terminals in the package. TI recommends, but does not require, inserting a ferrite bead between the board power
supply and the chip power supply that isolates the high-frequency switching noises generated by the clock buffer;
these beads prevent the switching noise from leaking into the board supply. It is imperative to choose an
appropriate ferrite bead with very low DC resistance to provide adequate isolation between the board supply and
the chip supply, as well as to maintain a voltage at the supply terminals that is greater than the minimum voltage
required for proper operation.
Figure 12 shows this recommended power supply decoupling method.
Figure 11. Power Supply Decoupling
14
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: CDCVF2310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com