Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 29Page - Texas Instruments DLPC3430 Datasheet HTML 30Page - Texas Instruments DLPC3430 Datasheet HTML 31Page - Texas Instruments DLPC3430 Datasheet HTML 32Page - Texas Instruments DLPC3430 Datasheet HTML 33Page - Texas Instruments DLPC3430 Datasheet HTML 34Page - Texas Instruments DLPC3430 Datasheet HTML 35Page - Texas Instruments DLPC3430 Datasheet HTML 36Page - Texas Instruments DLPC3430 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
33
DLPC3430, DLPC3435
www.ti.com
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Since the R, G, and B channels can be gained up by CAIC inside the DLPC343x, the LED power can be turned
down for any color channel until the brightness of the color on the screen is unchanged. Thus, CAIC can achieve
an overall LED power reduction while maintaining the same overall image brightness as if CAIC was not used.
Figure 17 shows an example of LED power reduction by CAIC for an image where the R and B LEDs can be
turned down in power.
CAIC can alternatively be used to increase the overall brightness of an image while holding the total power for all
LEDs constant. In summary, when CAIC is enabled CAIC can operate in one of two distinct modes:
•
Power Reduction Mode – holds overall image brightness constant while reducing LED power
•
Enhanced Brightness Mode – holds overall LED power constant while enhancing image brightness
Figure 17. CAIC Power Reduction Mode (for Constant Brightness)
8.3.7 Local Area Brightness Boost
Local area brightness boost (LABB), is an image processing algorithm that adaptively gains up regions of an
image that are dim relative to the average picture level. Some regions of the image will have significant gain
applied, and some regions will have little or no gain applied. LABB evaluates images frame by frame and derives
the local area gains to be used uniquely for each image. Since many images have a net overall boost in gain
even if some parts of the image get no gain, the overall perceived brightness of the image is boosted.
Figure 18 shows a split screen example of the impact of the LABB algorithm for an image that includes dark
areas.
Figure 18. Boosting Brightness in Local Areas of an Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com