Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 2Page - Texas Instruments DLPC3430 Datasheet HTML 3Page - Texas Instruments DLPC3430 Datasheet HTML 4Page - Texas Instruments DLPC3430 Datasheet HTML 5Page - Texas Instruments DLPC3430 Datasheet HTML 6Page - Texas Instruments DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments DLPC3430 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
DLPC3430, DLPC3435
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
PDATA(23:0) bus mapping is pixel format and source mode dependent. See later sections for details.
(2)
PDM_CVS_TE is optional for parallel interface operation. If unused, inputs should be grounded or pulled down to ground through an
external resistor (8 k
Ω or less).
(3)
Pixel clock capture edge is software programmable.
(4)
The parallel data mask signal input is optional for parallel interface operations. If unused, inputs should be grounded or pulled down to
ground through an external resistor (8 k
Ω or less).
(5)
Unused inputs should be grounded or pulled down to ground through an external resistor (8 k
Ω or less).
(6)
VSYNC, HSYNC, and DATAEN polarity is software programmable.
Pin Functions – Parallel Port Input Data and Control(1)(2)
PIN
I/O
DESCRIPTION
NAME
NUMBER
PARALLEL RGB MODE
BT656 INTERFACE MODE
PCLK
P3
I11
Pixel clock(3)
Pixel clock(3)
PDM_CVS_TE
N4
B5
Parallel data mask(4)
Unused(5)
VSYNC_WE
P1
I11
Vsync(6)
Unused(5)
HSYNC_CS
N5
I11
Hsync(6)
Unused(5)
DATAEN_CMD
P2
I11
Data Valid(6)
Unused(5)
(TYPICAL RGB 888)
PDATA_0
PDATA_1
PDATA_2
PDATA_3
PDATA_4
PDATA_5
PDATA_6
PDATA_7
K2
K1
L2
L1
M2
M1
N2
N1
I11
Blue (bit weight 1)
Blue (bit weight 2)
Blue (bit weight 4)
Blue (bit weight 8)
Blue (bit weight 16)
Blue (bit weight 32)
Blue (bit weight 64)
Blue (bit weight 128)
BT656_Data (0)
BT656_Data (1)
BT656_Data (2)
BT656_Data (3)
BT656_Data (4)
BT656_Data (5)
BT656_Data (6)
BT656_Data (7)
(TYPICAL RGB 888)
PDATA_8
PDATA_9
PDATA_10
PDATA_11
PDATA_12
PDATA_13
PDATA_14
PDATA_15
R1
R2
R3
P4
R4
P5
R5
P6
I11
Green (bit weight 1)
Green (bit weight 2)
Green (bit weight 4)
Green (bit weight 8)
Green (bit weight 16)
Green (bit weight 32)
Green (bit weight 64)
Green (bit weight 128)
Unused
(TYPICAL RGB 888)
PDATA_16
PDATA_17
PDATA_18
PDATA_19
PDATA_20
PDATA_21
PDATA_22
PDATA_23
R6
P7
R7
P8
R8
P9
R9
P10
I11
Red (bit weight 1)
Red (bit weight 2)
Red (bit weight 4)
Red (bit weight 8)
Red (bit weight 16)
Red (bit weight 32)
Red (bit weight 64)
Red (bit weight 128)
Unused
3DR
N6
3D reference
•
For 3D applications: left or right 3D reference (left = 1, right = 0). To be provided by the
host when a 3D command is not provided. Must transition in the middle of each frame
(no closer than 1 ms to the active edge of VSYNC)
•
If a 3D application is not used, then this input should be pulled low through an external
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com