Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 12Page - Texas Instruments DLPC3430 Datasheet HTML 13Page - Texas Instruments DLPC3430 Datasheet HTML 14Page - Texas Instruments DLPC3430 Datasheet HTML 15Page - Texas Instruments DLPC3430 Datasheet HTML 16Page - Texas Instruments DLPC3430 Datasheet HTML 17Page - Texas Instruments DLPC3430 Datasheet HTML 18Page - Texas Instruments DLPC3430 Datasheet HTML 19Page - Texas Instruments DLPC3430 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
16
DLPC3430, DLPC3435
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics
(1)(2) (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER(3)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH
High-level output
current
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
4 mA
2
mA
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
8 mA
3.5
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
24 mA
10.6
2.5-V LVTTL (I/O type 5)
4 mA
5.4
2.5-V LVTTL (I/O type 9, 13)
8 mA
10.8
2.5-V LVTTL (I/O type 5, 9, 11,
12, 13)
24 mA
28.7
3.3-V LVTTL (I/O type 5 )
4 mA
7.8
3.3-V LVTTL (I/O type 9, 13)
8 mA
15
IOL
Low-level output
current
I2C buffer (I/O type 7)
3
mA
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
4 mA
2.3
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
8 mA
4.6
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
24 mA
13.9
2.5-V LVTTL (I/O type 5)
4 mA
5.2
2.5-V LVTTL (I/O type 9, 13)
8 mA
10.4
2.5-V LVTTL (I/O type 5, 9, 11,
12, 13)
24 mA
31.1
3.3-V LVTTL (I/O type 5 )
4 mA
4.4
3.3-V LVTTL (I/O type 9, 13)
8 mA
8.9
IOZ
High-impedance
leakage current
I2C buffer (I/O type 7)
0.1 × VCC_INTF < VI
< 0.9 × VCC_INTF
–10
10
µA
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
–10
10
2.5-V LVTTL (I/O type 5, 9, 11,
12, 13)
–10
10
3.3-V LVTTL (I/O type 5, 9, 11,
12, 13)
–10
10
CI
Input capacitance
(including package)
I2C buffer (I/O type 7)
5
pF
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
2.6
3.5
2.5-V LVTTL (I/O type 5, 9, 11,
12, 13)
2.6
3.5
3.3-V LVTTL (I/O type 5, 9, 11,
12, 13)
2.6
3.5
1.8 sub-LVDS – DMD high speed
(I/O type 4)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com