Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 6Page - Texas Instruments DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments DLPC3430 Datasheet HTML 10Page - Texas Instruments DLPC3430 Datasheet HTML 11Page - Texas Instruments DLPC3430 Datasheet HTML 12Page - Texas Instruments DLPC3430 Datasheet HTML 13Page - Texas Instruments DLPC3430 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
DLPC3430, DLPC3435
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions – GPIO Peripheral Interface(1) (continued)
PIN
I/O
DESCRIPTION(2)
NAME
NUMBER
GPIO_07
F15
B1
General purpose I/O 07 (hysteresis buffer). Options:
1.
(All) LED_ENABLE (active high input). This signal can be used as an optional shutdown interlock for
the LED driver. Specifically, when so configured, setting LED_ENABLE = 0 (disabled), will cause
LDEDRV_ON to be forced to 0 and LED_SEL(2:0) to be forced to b000. Otherwise when
LED_ENABLE = 1 (enabled), the ASIC is free to control the LED SEL signals as it desires. There is
however a 100-ms delay after LED_ENABLE transitions from low-to-high before the interlock is
released.
2.
(Output): LABB output sample and hold sensor control signal.
3.
(All) GPIO (bidirectional): Optional GPIO. Should be configured as a logic zero GPIO output and left
unconnected if not used (otherwise it will require an external pullup or pulldown to avoid a floating
GPIO input).
GPIO_06
F14
B1
General purpose I/O 06 (hysteresis buffer). Option:
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used.
An external pulldown resistor is required to deactivate this signal during reset and auto-initialization
processes.
GPIO_05
E15
B1
General purpose I/O 05 (hysteresis buffer). Options:
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_04
E14
B1
General purpose I/O 04 (hysteresis buffer). Options:
1.
3D glasses control (output): intended to be used to control the shutters on 3D glasses (Left = 1, Right
= 0).
2.
SPI1_CSZ1 (active-low output): optional SPI1 chip select 1 signal. An external pullup resistor is
required to deactivate this signal during reset and auto-initialization processes.
3.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_03
D15
B1
General purpose I/O 03 (hysteresis buffer). Options:
1.
SPI1_CSZ0 (active low output): Optional SPI1 chip select 0 signal. An external pullup resistor is
required to deactivate this signal during reset and auto-initialization processes.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_02
D14
B1
General purpose I/O 02 (hysteresis buffer). Options:
1.
SPI1_DOUT (output): Optional SPI1 data output signal.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_01
C15
B1
General purpose I/O 01 (hysteresis buffer). Options:
1.
SPI1_CLK (output): Optional SPI1 clock signal.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_00
C14
B1
General purpose I/O 00 (hysteresis buffer). Options:
1.
SPI1_DIN (input): Optional SPI1 data input signal.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com