Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 41Page - Texas Instruments DLPC3430 Datasheet HTML 42Page - Texas Instruments DLPC3430 Datasheet HTML 43Page - Texas Instruments DLPC3430 Datasheet HTML 44Page - Texas Instruments DLPC3430 Datasheet HTML 45Page - Texas Instruments DLPC3430 Datasheet HTML 46Page - Texas Instruments DLPC3430 Datasheet HTML 47Page - Texas Instruments DLPC3430 Datasheet HTML 48Page - Texas Instruments DLPC3430 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
PLL_REFCLK_O
Crystal
R
FB
C
L1
R
S
C
L2
PLL_REFCLK_I
45
DLPC3430, DLPC3435
www.ti.com
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Layout Guidelines (continued)
11.1.2 DLPC343x Reference Clock
The DLPC343x requires an external reference clock to feed its internal PLL. A crystal or oscillator can supply this
reference. For flexibility, the DLPC343x accepts either of two reference clock frequencies (see Table 10), but
both must have a maximum frequency variation of ±200 ppm (including aging, temperature, and trim component
variation). When a crystal is used, several discrete components are also required as shown in Figure 25.
A.
CL = Crystal load capacitance (farads)
B.
CL1 = 2 × (CL – Cstray_pll_refclk_i)
C.
CL2 = 2 × (CL – Cstray_pll_refclk_o)
D.
Where:
•
Cstray_pll_refclk_i = Sum of package and PCB stray capacitance at the crystal pin associated with the ASIC pin
pll_refclk_i.
•
Cstray_pll_refclk_o = Sum of package and PCB stray capacitance at the crystal pin associated with the ASIC pin
pll_refclk_o.
Figure 25. Required Discrete Components
11.1.2.1 Recommended Crystal Oscillator Configuration
Table 9. Crystal Port Characteristics
PARAMETER
NOM
UNIT
PLL_REFCLK_I TO GND capacitance
1.5
pF
PLL_REFCLK_O TO GND capacitance
1.5
pF
(1)
Temperature range of –30°C to +85°C
(2)
The crystal bias is determined by the ASIC's VCC_INTF voltage rail, which is variable (not the VCC18 rail).
Table 10. Recommended Crystal Configuration(1)(2)
PARAMETER
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (first harmonic)
Crystal nominal frequency
24 or 16
MHz
Crystal frequency tolerance (including accuracy, temperature, aging and trim sensitivity)
±200
PPM
Maximum startup time
1.0
ms
Crystal equivalent series resistance (ESR)
120 max
Ω
Crystal load
6
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1
M
Ω
CL1 external crystal load capacitor
See equation in Figure 25 notes
pF
CL2 external crystal load capacitor
See equation in Figure 25 notes
pF
PCB layout
A ground isolation ring around the
crystal is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com