Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  Display Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC3430 Datasheet HTML 1Page - Texas Instruments DLPC3430 Datasheet HTML 2Page - Texas Instruments DLPC3430 Datasheet HTML 3Page - Texas Instruments DLPC3430 Datasheet HTML 4Page - Texas Instruments DLPC3430 Datasheet HTML 5Page - Texas Instruments DLPC3430 Datasheet HTML 6Page - Texas Instruments DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
LED_SEL(2)
1.1V
WVGA
DDR DMD
DLP2010
(WVGA
DMD)
RESETZ
DLP Chipset Component
CMP_PWM
PROJ_ON
PROJ_ON
2.3V-5.5V
CMP_OUT
Projector Module
Electronics
INTZ
DLPA2000
/DLPA2005
PARKZ
1.1V
1.8V
VCORE
VIO
Illumination
Optics
3
BIAS, RST, OFS
Thermistor
LABB
I2C
28
Parallel I/F
VCC_INTF
4
DLPC3430/
DLPC3435
VCC_FLSH
SPI_1
L3
SYSPWR
1.1V
Reg
Sub-LVDS DATA
CTRL
Front-End
Chip
DC_IN
FLASH
L1
L2
VLED
BLUE
GREEN
RED
Current
Sense
Spare R/W
GPIO
18
Keystone
Sensor
WPC
GPIO_8 (Normal Park)
1.8V
VSPI
4
SPI_0
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLPC3430, DLPC3435
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
DLPC3430 and DLPC3435 Display Controller
1
1 Features
1
•
Display Controller for DLP2010 (.2 WVGA) TRP
DMD
–
Supports Input Image Sizes up to 720p
–
Low-Power DMD Interface With Interface
Training
•
24-Bit, Input Pixel Interface Support:
–
Parallel or BT656, Interface Protocols
–
Pixel Clock up to 150 MHz
–
Multiple Input Pixel Data Format Options
•
Pixel Data Processing:
–
IntelliBright™ Suite of Image Processing
Algorithms
–
Content Adaptive Illumination Control
–
Local Area Brightness Boost
–
Image Resizing (Scaling)
–
1D Keystone Correction
–
Color Coordinate Adjustment
–
Programmable Degamma
–
Active Power Management Processing
–
Color Space Conversion
–
4:2:2 to 4:4:4 Chroma Interpolation
–
Field Scaled De-Interlacing
•
Two Package Options:
–
176-Pin, 7- × 7-mm, 0.4-mm Pitch, NFBGA
–
201-Pin, 13- × 13-mm, 0.8-mm Pitch, NFBGA
•
External Flash Support
•
Auto DMD Parking at Power Down
•
Embedded Frame Memory (eDRAM)
•
System Features:
–
I2C Control of Device Configuration
–
Programmable Splash Screens
–
Programmable LED Current Control
–
Display Image Rotation
–
One Frame Latency
2 Applications
•
Embedded Projection:
–
Smart Phone
–
Tablet
–
Camera
–
Camcorder
–
Laptop
•
Battery-Powered Mobile Accessory
•
Wearable (Near-Eye) Display
•
Interactive Display
•
Low-Latency Gaming Display
•
Digital Signage
3 Description
The DLPC3430 and DLPC3435 digital controller, part
of the DLP2010 (.2 WVGA) chipset, support reliable
operation of the DLP2010 digital micromirror device
(DMD). The DLPC3430 and DLCP3435 controllers
provide
a
convenient,
multi-functional
interface
between user electronics and the DMD, enabling
small form factor and low power display applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC3430
NFBGA (176)
7.00 × 7.00 mm2
DLPC3435
NFBGA (201)
13.00 × 13.00 mm2
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Standalone System


Similar Part No. - DLPC3430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3430 TI1-DLPC3430 Datasheet
684Kb / 41P
0.2 WVGA DMD
DLPC3430 TI2-DLPC3430 Datasheet
1Mb / 58P
DLPA2000 Power Management and LED/Lamp Driver IC
REVISED FEBRUARY 2018
More results

Similar Description - DLPC3430

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
Graphics Display Controller
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
Vehicle Display Controller
logo
Texas Instruments
DLPC3433 TI1-DLPC3433 Datasheet
1Mb / 62P
Display Controller
DLPC3439 TI1-DLPC3439 Datasheet
2Mb / 63P
Display Controller
DLPC3437 TI1-DLPC3437 Datasheet
374Kb / 9P
Display Controller
DLPC3432 TI1-DLPC3432 Datasheet
2Mb / 60P
Display Controller
logo
Renesas Technology Corp
TW8831 RENESAS-TW8831 Datasheet
119Kb / 2P
TFT Display Controller
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
TFT Display Controller
logo
Texas Instruments
DLPC3436 TI1-DLPC3436 Datasheet
170Kb / 8P
Display Controller
logo
Epson Company
S1D13513 EPSON-S1D13513 Datasheet
116Kb / 2P
Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com