Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5560 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 32Page - Texas Instruments ADS5560 Datasheet HTML 33Page - Texas Instruments ADS5560 Datasheet HTML 34Page - Texas Instruments ADS5560 Datasheet HTML 35Page - Texas Instruments ADS5560 Datasheet HTML 36Page - Texas Instruments ADS5560 Datasheet HTML 37Page - Texas Instruments ADS5560 Datasheet HTML 38Page - Texas Instruments ADS5560 Datasheet HTML 39Page - Texas Instruments ADS5560 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
ADS5560, ADS5562
SLWS207B – MAY 2008 – REVISED JANUARY 2016
www.ti.com
Programming (continued)
Table 2. Parallel Pin Definition
PIN
CONTROL MODES
DFS
DATA FORMAT and the LVDS/CMOS output interface
MODE
Internal or external reference
SEN
CLKOUT edge programmability
SCLK
LOW SPEED mode control for low sampling frequencies (
≤ 30 MSPS)
SDATA
STANDBY mode – Global (ADC, internal references and output buffers are powered down)
7.5.2.1 Using Serial Interface Programming Only
To program using the serial interface, the internal registers must first be reset to the default values, and the
RESET pin must be kept low. In this mode, the SEN, SDATA, and SCLK pins function as serial interface pins
and are used to access the internal registers of ADC. The registers are reset either by applying a pulse on the
RESET pin (of width greater than 10 ns), or by a high setting on the <RST> bit (D1 in register 0x6C). The Serial
Interface section describes the register programming and register reset in more detail.
Because the parallel pins, DFS and MODE, are not used in this mode, they must be tied to ground.
7.5.2.2 Using Both Serial Interface And Parallel Controls
For increased flexibility, a combination of serial interface registers and parallel pin controls (DFS, MODE) can
also be used to configure the device.
The serial registers must first be reset to the default values and the RESET pin must be kept low. In this mode,
the SEN, SDATA, and SCLK pins function as serial interface pins and are used to access the internal registers of
ADC. The registers are reset either by applying a pulse on RESET pin or by a high setting on the <RST> bit (D1
in register 0x6C). The Serial Interface section describes the register programming and register reset in more
detail.
The parallel interface control pins, DFS and MODE, are used and their function is determined by the appropriate
voltage levels as described in Table 7 and Table 8. The voltage levels are derived by using a resistor string as
shown in Figure 57. Because some functions are controlled using both the parallel pins and serial registers, the
priority between the two is determined by a priority table (Table 3).
Table 3. Priority Between Parallel Pins and Serial Registers
PIN
FUNCTIONS SUPPORTED
PRIORITY
When using the serial interface, <REF> bit (register 0x6D, bit D4) controls this mode,
MODE
Internal and external reference
ONLY if the MODE pin is tied low.
When using the serial interface, <DF> bit (register 0x63, bit D3) controls this mode,
DATA FORMAT
ONLY if the DFS pin is tied low.
When using the serial interface, <ODI> bit (register 0x6C, bits D3-D4) controls the LVDS
DFS
or CMOS selection independent of the state of DFS pin, only if the <ODI> bit is not
LVDS and CMOS
programmed as 00. The DFS pin controls LVDS/CMOS selection if the <ODI> bit is
programmed as 00.
36
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com