Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5560 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 45Page - Texas Instruments ADS5560 Datasheet HTML 46Page - Texas Instruments ADS5560 Datasheet HTML 47Page - Texas Instruments ADS5560 Datasheet HTML 48Page - Texas Instruments ADS5560 Datasheet HTML 49Page - Texas Instruments ADS5560 Datasheet HTML 50Page - Texas Instruments ADS5560 Datasheet HTML 51Page - Texas Instruments ADS5560 Datasheet HTML 52Page - Texas Instruments ADS5560 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
10
100
1000
F
IN (MHz)
35 fs
50 fs
100 fs
150 fs
200 fs
C001
ADS5560, ADS5562
www.ti.com
SLWS207B – MAY 2008 – REVISED JANUARY 2016
Typical Application (continued)
8.2.3 Application Curve
Figure 61 shows the SNR of the ADC as a function of clock jitter and input frequency for the ADS5562 device.
This plot of curves take into account the aperture jitter of the ADC, the number of bits of resolution, and the
thermal noise estimation so that the plot can be used to predict SNR for a given input frequency and external
clock jitter. Figure 61 then may be used to set the jitter requirement for the clocking solution for a given input
bandwidth and given design goal for SNR.
Figure 61. SNR vs Input Frequency and External Clock Jitter
9 Power Supply Recommendations
The device requires a 3.3-V nominal supply for AVDD. The device also requires a 3.3-V supply for DRVDD.
There are no specific sequence power-supply requirements during device power-up. AVDD, and DRVDD can
power up in any order. It is recommended that the analog supply be low noise, such as would be the case if each
analog supply was generated by its own linear regulator. The digital supply would be much more tolerant of
supply noise and a DC-DC switching supply could be suitable for DRVDD.
At each power-supply pin, a 0.1-
μF decoupling capacitor should be kept close to the device. A separate
decoupling capacitor group consisting of a parallel combination of 10-
μF, 1-μF, and 0.1-μF capacitors can be
kept close to the supply source.
10 Layout
10.1 Layout Guidelines
Figure 62 is a section of the layout of the ADS5562 that illustrates good layout practices for the clocking, analog
input, and digital outputs. In this example, the analog input enters from the left while the clocking enters from the
top, keeping the clock signal away from the analog signals so as to not allow coupling between the analog signal
and the clock signal. On the layout of the differential traces, note the symmetry of the trace routing between the
two sides of the differential signals.
The digital outputs are routed off to the right, so as to keep the digital signals away from the analog inputs and
away from the clock. Note the circuitous routing added to some of the LVDS differential traces but not to others;
this is the equalize the lengths of the routing across all of the LVDS traces so as to preserve the setup/hold
timing at the end of the digital signal routings. If the timing closure in the receiving device (such as an FPGA or
ASIC) has enough timing margin, then the circuitous routing to equalize trace lengths may not be necessary.
In addition, the solid gray areas are ground planes, providing more isolation between the clocking and the analog
inputs as well as between the clocking and the digital outputs.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com