Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5560 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 8Page - Texas Instruments ADS5560 Datasheet HTML 9Page - Texas Instruments ADS5560 Datasheet HTML 10Page - Texas Instruments ADS5560 Datasheet HTML 11Page - Texas Instruments ADS5560 Datasheet HTML 12Page - Texas Instruments ADS5560 Datasheet HTML 13Page - Texas Instruments ADS5560 Datasheet HTML 14Page - Texas Instruments ADS5560 Datasheet HTML 15Page - Texas Instruments ADS5560 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
ADS5560, ADS5562
SLWS207B – MAY 2008 – REVISED JANUARY 2016
www.ti.com
6.7 AC Electrical Characteristics for ADS5562, Fs = 80 MSPS
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling rate = Maximum Rated, sine wave input clock, 1.5-VPP clock
amplitude, 50% clock duty cycle, –1-dBFS differential analog input, internal reference mode, DDR LVDS interface, 0 dB fine
gain
(1). Minimum and maximum values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD = DRVDD
= 3.3 V, sampling rate = Maximum Rated, default fine gain (1 dB), unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FIN = 3 MHz
84
FIN = 10 MHz
79
83.8
LVDS interface
dBFS
FIN = 25 MHz
83.2
FIN = 30 MHz
82.8
SNR
Signal to noise ratio
FIN = 3 MHz
81.7
FIN = 10 MHz
77
81.4
CMOS interface
dBFS
FIN = 25 MHz
80.7
FIN = 30 MHz
80.4
RMS output noise
Inputs tied to common-mode
1.42
LSB
FIN = 3 MHz
80.5
FIN = 10 MHz
75
80.5
LVDS interface
dBFS
FIN = 25 MHz
79.5
SINAD
FIN = 30 MHz
79
Signal to noise and distortion
FIN = 3 MHz
80.5
ratio
FIN = 10 MHz
73.5
80.2
CMOS interface
dBFS
FIN = 25 MHz
79.3
FIN = 30 MHz
77.9
ENOB
LVDS interface, FIN = 10 MHz
12.2
13.1
bits
Effective number of bits
FIN = 3 MHz
85
FIN = 10 MHz
77
85
SFDR
dBc
Spurious free dynamic range
FIN = 25 MHz
83
FIN = 30 MHz
80
FIN = 3 MHz
90
FIN = 10 MHz
77
89
HD2
dBc
Second harmonic
FIN = 25 MHz
88
FIN = 30 MHz
88
(1)
After reset, the device is initialized to 1-dB fine gain setting. For SFDR and SNR performance across fine gains, see the Typical
Characteristics section.
12
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com