Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5560 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5560 Datasheet HTML 1Page - Texas Instruments ADS5560 Datasheet HTML 2Page - Texas Instruments ADS5560 Datasheet HTML 3Page - Texas Instruments ADS5560 Datasheet HTML 4Page - Texas Instruments ADS5560 Datasheet HTML 5Page - Texas Instruments ADS5560 Datasheet HTML 6Page - Texas Instruments ADS5560 Datasheet HTML 7Page - Texas Instruments ADS5560 Datasheet HTML 8Page - Texas Instruments ADS5560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
ADS5560, ADS5562
www.ti.com
SLWS207B – MAY 2008 – REVISED JANUARY 2016
Pin Functions - LVDS Mode (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
39
D6_D7_M
O
Differential output data D6 and D7 multiplexed, complement
40
D6_D7_P
O
Differential output data D6 and D7 multiplexed, true
41
D8_D9_M
O
Differential output data D8 and D9 multiplexed, complement
42
D8_D9_P
O
Differential output data D8 and D9 multiplexed, true
Data Format Select input.
This pin sets the DATA FORMAT (2s complement or Offset binary) and the LVDS/CMOS output
6
DFS
I
mode type. See Table 7 for detailed information.
The pin has an internal 100-k
Ω pulldown resistor to DRGND.
1, 36
DRGND
I
Digital and output buffer ground
2, 35
DRVDD
I
Digital and output buffer supply
15
INP
I
Differential analog input
16
INM
Mode select input.
23
MODE
I
This pin selects the Internal or External reference mode. See Table 8 for detailed information.
The pin has an internal 100-k
Ω pulldown resistor to AGND.
21
NC
—
Do not connect
Output buffer enable input, active high.
7
OE
I
The pin has an internal 100-k
Ω pullup resistor to DRVDD.
3
OVR
O
Out-of-range indicator, CMOS level signal
Serial interface reset input.
When using the serial interface, the user should apply a high-going pulse on this pin to reset the
internal registers.
30
RESET
I
When the serial interface is not used, the user should tie RESET permanently high. (SCLK,
SDATA and SEN can be used as parallel pin controls).
The pin has an internal 100-k
Ω pulldown resistor to DRGND.
This pin functions as serial interface clock input when RESET is low.
It functions as LOW SPEED MODE control when RESET is tied high. See Table 4 for detailed
29
SCLK
I
information.
The pin has an internal 100-k
Ω pulldown resistor to DRGND.
This pin functions as serial interface data input when RESET is low.
It functions as STANDBY control pin when RESET is tied high.
28
SDATA
I
See Table 5 for detailed information.
The pin has an internal 100-k
Ω pulldown resistor to DRGND.
This pin functions as serial interface enable input when RESET is low.
It functions as CLKOUT edge programmability when RESET is tied high. See Table 6 for detailed
27
SEN
I
information.
The pin has an internal 100-k
Ω pullup resistor to DRVDD.
Internal reference mode – Common-mode voltage output.
13
VCM
I/O
External reference mode – Reference input. The voltage forced on this pin sets the internal
reference.
—
PAD
—
Connect the PAD to the ground plane. See the Exposed Thermal Pad section.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com