Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5560 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 9Page - Texas Instruments ADS5560 Datasheet HTML 10Page - Texas Instruments ADS5560 Datasheet HTML 11Page - Texas Instruments ADS5560 Datasheet HTML 12Page - Texas Instruments ADS5560 Datasheet HTML 13Page - Texas Instruments ADS5560 Datasheet HTML 14Page - Texas Instruments ADS5560 Datasheet HTML 15Page - Texas Instruments ADS5560 Datasheet HTML 16Page - Texas Instruments ADS5560 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
ADS5560, ADS5562
www.ti.com
SLWS207B – MAY 2008 – REVISED JANUARY 2016
6.8 Electrical Characteristics for ADS5562
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling rate = Maximum Rated, sine wave input clock, 1.5-VPP clock
amplitude, 50% clock duty cycle, –1-dBFS differential analog input, 0 dB fine gain
(1), internal reference mode, DDR LVDS
interface. Minimum and maximum values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, sampling rate = Maximum Rated, default fine gain (1 dB), unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FIN = 3 MHz
85
FIN = 10 MHz
77
85
HD3
dBc
Third harmonic
FIN = 25 MHz
83
FIN = 30 MHz
80
FIN = 3 MHz
104
FIN = 10 MHz
102
Worst harmonic
dBc
other than HD2, HD3
FIN = 25 MHz
100
FIN = 30 MHz
100
FIN = 3 MHz
84
FIN = 10 MHz
75.5
83
THD
dBc
Total harmonic distortion
FIN = 25 MHz
82
FIN = 30 MHz
80
IMD
Two-tone intermodulation
FIN1 = 5 MHz, FIN2 = 10 MHz, each tone –7 dBFS
92
dBFS
distortion
1
clock
Voltage overload recovery time
Recovery to 1% for 6-dB overload
cycles
(1)
After reset, the device is initialized to 1-dB fine gain setting. For SFDR and SNR performance across fine gains, see the Typical
Characteristics section.
6.9 Electrical Characteristics for ADS5560
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling rate = Maximum Rated, sine wave input clock, 1.5-VPP clock
amplitude, 50% clock duty cycle, –1-dBFS differential analog input, internal reference mode, DDR LVDS interface, 0 dB fine
gain
(1). Minimum and maximum values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD = DRVDD
= 3.3 V, sampling rate = Maximum Rated, default fine gain (1 dB), unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FIN = 3 MHz
90
FIN = 10 MHz
78
88
HD3
dBc
Third harmonic
FIN = 25 MHz
83
FIN = 30 MHz
79
FIN = 3 MHz
104
FIN = 10 MHz
102
Worst harmonic
dBc
other than HD2, HD3
FIN = 25 MHz
101
FIN = 30 MHz
101
FIN = 3 MHz
88
FIN = 10 MHz
76.5
86
THD
dBc
Total harmonic distortion
FIN = 25 MHz
81
FIN = 30 MHz
78
IMD
Two-tone intermodulation
FIN1 = 5 MHz, FIN2 = 10 MHz, each tone –7 dBFS
98
dBFS
distortion
1
clock
Voltage overload recovery time
Recovery to 1% for 6-dB overload
cycles
(1)
After reset, the device is initialized to 1-dB fine gain setting. For SFDR and SNR performance across fine gains, see the Typical
Characteristics section.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com