Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  Nano-Power Programmable Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 3Page - Texas Instruments TPL5000 Datasheet HTML 4Page - Texas Instruments TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments TPL5000 Datasheet HTML 10Page - Texas Instruments TPL5000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
15.50
15.55
15.60
15.65
15.70
15.75
15.80
15.85
15.90
15.95
16.00
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
TA = -40°C
TA = 25°C
TA = 70°C
TA =105°C
C002
15.50
15.60
15.70
15.80
15.90
16.00
-50
-25
0
25
50
75
100
125
Ambient Temperature (° C)
VDD= 1.8V
VDD= 2.5V
VDD= 3.3V
VDD= 5V
C001
20.0
30.0
40.0
50.0
60.0
70.0
80.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
TA = -40°C
TA = 25°C
TA = 70°C
TA =105°C
C003
20
30
40
50
60
70
80
±50
±25
0
25
50
75
100
125
Ambient Temperature (° C)
VDD= 1.8V
VDD= 2.5V
VDD= 3.3V
VDD= 5V
C004
TPL5000
www.ti.com
SNAS628B – JULY 2013 – REVISED DECEMBER 2014
7.7 Typical Characteristics
Figure 2. IDD vs VDD
Figure 3. IDD vs Temperature
Figure 4. TCAL Pulse Width vs VDD
Figure 5. TCAL Pulse Width vs Temperature
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com