Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  Nano-Power Programmable Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments TPL5000 Datasheet HTML 10Page - Texas Instruments TPL5000 Datasheet HTML 11Page - Texas Instruments TPL5000 Datasheet HTML 12Page - Texas Instruments TPL5000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
RSTn
TCAL
WAKE
DONE
TIMER
PGOOD
tC
t
TPL5000
www.ti.com
SNAS628B – JULY 2013 – REVISED DECEMBER 2014
Feature Description (continued)
Figure 6. Watchdog and Supervisor Feature
8.3.1.1 Calibration Pulse
The TPL5000 is based on a ultra-low power oscillator which has a relatively low frequency and low accuracy;
however, it shows very good cycle-to-cycle repeatability and very low temperature drift. In most of the
applications, the accuracy of the oscillator is enough, but if a more accurate measure of the delay period is
required, it is possible to measure the base period of the internal oscillator. A single pulse, which has the same
duration as the base period of the internal oscillator, is present at the TCAL pin of the TPL5000. This pulse starts
after a half period of the internal oscillator from either the falling edge of the RESET pulse, or the rising edge of
the WAKE pulse.
A microcontroller connected to the TPL5000 can routinely measure the width of the TCAL pulse using a counter
and an external crystal. Once the base period of the TPL5000 is measured, the actual time delay is calculated by
multiplying the measured period by a factor, N (see Table 1), dependent on the nominal selected time delay.
The resolution and the accuracy of the measurement depend on the external crystal. Since the frequency of the
internal oscillator of the TPL5000 is very stable, the measurement of the calibration pulse is suggested only when
a high gradient of ambient temperature is observed. The measurement of the TCAL pulse is useful in battery-
powered applications that implement a precise battery life counter in the microcontroller.
8.3.1.2 Overview of the Timing Signals: WAKE, RSTN, TCAL and DONE
Figure 7 shows the timing of WAKE, RSTn, and TCAL with respect to DONE. The frame, A, shows a typical
sequence after the PGOOD, low to high, transition. As soon as PGOOD is high, the internal oscillator is powered
ON. At the end of the delay period (tDP), a reset signal (RSTn), followed by a calibration pulse, TCAL, is sent out.
The calibration pulse starts after a half period of the internal oscillator from the falling edge of the reset, and lasts
one internal oscillator period.
The frame, B, shows a standard sequence. A "DONE" signal has been received in the previous delay period, so
at the end of the next delay period, a "WAKE", followed by a calibration pulse, is sent out. The WAKE signal
stays high for 2 internal oscillator periods. The calibration pulse starts after a half period of the internal oscillator
from the rising edge of the WAKE signal, and lasts one internal oscillator period. In this frame, the TPL5000
receives a "DONE" signal before the end of the delay period.
The frame, C, still shows a standard sequence, but in this case, the TPL5000 receives the DONE signal when
both WAKE and TCAL pulses are still high. As soon as the TPL5000 recognizes the DONE resets the counter
and puts WAKE and TCAL in the default condition (both signal low).
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com