Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  Nano-Power Programmable Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5000 Datasheet(HTML) 1 Page - Texas Instruments

  TPL5000 Datasheet HTML 1Page - Texas Instruments TPL5000 Datasheet HTML 2Page - Texas Instruments TPL5000 Datasheet HTML 3Page - Texas Instruments TPL5000 Datasheet HTML 4Page - Texas Instruments TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
D0
D1
TPL5000
D2
VDD
PGOOD
RSTn
WAKE
TCAL
GND
DONE
VIN
POWER MANAGEMENT
VOUT VBAT_OK
GND
Rp
100k
RST
µC
GPIO
GPIO
VDD
GPIO
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPL5000
SNAS628B – JULY 2013 – REVISED DECEMBER 2014
TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
1 Features
3 Description
The TPL5000 is a long-term timer IC optimized for
1
•
Supply Voltage from1.8 V to 5.0 V
low-power applications. The TPL5000 can replace a
•
Current Consumption 30 nA (typical, at 2.5 V)
micro controller's (µC) internal timer, allowing the µC
•
Watchdog Functionality
to stay in low-power sleep mode instead of running a
timer, providing a total power consumption reduction
•
Reset Functionality
of 60 to 80%. The TPL5000 is designed for use in
•
Selectable Timer Intervals 1 to 64 s
interrupt-driven applications and provides selectable
timing from 1 second to 64 seconds. Some standards
2 Applications
(such as EN50271) require implementation of a
watchdog function for safety. The TPL5000 realizes
•
Battery-Powered Systems
this watchdog function without consuming additional
•
Energy-Harvesting Systems
power. The TPL5000 can also monitor a battery
•
Remote Data-Logger
management IC via a power-good digital input and
•
Sensor Node
reset the microcontroller, if necessary. The device is
packaged in a 10-pin VSSOP package.
•
Building Automation
•
Consumer Electronic
Device Information(1)
•
Low-Power Wireless
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Safety and Security Platforms
TPL5000
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPL5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI2-TPL5000 Datasheet
608Kb / 22P
TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
REVISED DECEMBER 2014
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000DGSR TI2-TPL5000DGSR Datasheet
608Kb / 22P
TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
REVISED DECEMBER 2014
TPL5000DGSR.A TI2-TPL5000DGSR.A Datasheet
608Kb / 22P
TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
REVISED DECEMBER 2014
More results

Similar Description - TPL5000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Texas Instruments
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5100 TI-TPL5100 Datasheet
748Kb / 14P
TPL5100 Nano Power Programmable Timer with MOS driver
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
Nano-Power Programmable Timer
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
Nano-Power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
TPL5111 Nano-Power System Timer for Power Gating
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
SparkFun Nano Power Timer - TPL5110
6??2??9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com