Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  Nano-Power Programmable Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5000 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments TPL5000 Datasheet HTML 10Page - Texas Instruments TPL5000 Datasheet HTML 11Page - Texas Instruments TPL5000 Datasheet HTML 12Page - Texas Instruments TPL5000 Datasheet HTML 13Page - Texas Instruments TPL5000 Datasheet HTML 14Page - Texas Instruments TPL5000 Datasheet HTML 15Page - Texas Instruments TPL5000 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Temp 29°C
CO 0PPM
TIME xx:xx
Date xx/xx/xxxx
DISPLAY
Button
Button
Button
Button
KEYBOARD
GAS
SENSOR
D0
D1
TPL5000
D2
VDD
PGOOD
RSTn
WAKE
TCAL
GND
DONE
VIN
POWER MANAGEMENT
VOUT VBAT_OK
GND
Rp
100k
RST
µC
GPIO
GPIO
VDD
GPIO
GND
SCL
LMP91000
SDA
VOUT
VREF
GND
SDA
SCL
ADC
CE
RE
WE
MENB
CE
RE
WE
VDD
VOLTAGE
REFERENCE
GND
VOUT
VIN
Rp
100k
Rp
100k
Lithium
ion battery
-
+
GPIO
GPIO
GPIO
GPIO
TPL5000
SNAS628B – JULY 2013 – REVISED DECEMBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
In battery powered applications the design of the system is driven by low current consumption. The TPL5000 is
suitable in the applications where there is the needs to monitor environment conditions at fixed timer interval.
Often in these applications the micro is kept on to enable the watchdog and to count the elapsed time. Some
time due to the high frequency clock of the micro controllers special structure needs to be configured to count for
long time (several seconds). The TPL5000 can do the same job burning only tens of nA.
9.2 Typical Application
The TPL5000 can be used in conjunction with environment sensors to build a low-power environment data-
logger, such as an air quality data-logger. In this application due to the monitored phenomena the micro-
controller and the front end of the sensor spend most of the time in idle state, waiting for the next working
interval, usually few hundred of ms. The application is based on a micro-controller which represents the core of
the data-logger, a front end for gas sensor, such as the LMP91000.
Figure 8. Data-logger
9.2.1 Design Requirements
The design is driven by the low current consumption constraint. The data are usually acquired on a rate that
ranges between 1 s to 10 s. The highest necessity it the maximization of the battery life. The TPL5000 helps
achieve that goal because it allows putting the micro-controller in its lowest power mode.
12
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com