Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  Nano-Power Programmable Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5000 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 10Page - Texas Instruments TPL5000 Datasheet HTML 11Page - Texas Instruments TPL5000 Datasheet HTML 12Page - Texas Instruments TPL5000 Datasheet HTML 13Page - Texas Instruments TPL5000 Datasheet HTML 14Page - Texas Instruments TPL5000 Datasheet HTML 15Page - Texas Instruments TPL5000 Datasheet HTML 16Page - Texas Instruments TPL5000 Datasheet HTML 17Page - Texas Instruments TPL5000 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
1
2
1
2
TPL5000
SNAS628B – JULY 2013 – REVISED DECEMBER 2014
www.ti.com
10 Power Supply Recommendations
The TPL5000 requires a voltage supply within 2.7 V and 5.5 V. A multilayer, ceramic-bypass X7R capacitor of
0.1
μF between VDD and GND pin is recommended.
11 Layout
11.1 Layout Guidelines
The more sensitive pins of the TPL5000 are the digital input pins D0, D1, D2 to select the timer interval. It is
mandatory to connect them to VDD or GND through short traces avoiding series resistance. It is mandatory to
keep these pins far from traces of high frequency signals, such as clock or communication bus. Signal integrity of
WAKE, RSTn and TCAL signal is achieved reducing parasitic capacitance on the traces between the TPL5000
and the micro-controller. In the application where the watchdog feature is not used, the DONE pin is required to
be tied to TCAL pin.
11.2 Layout Example
Figure 10. PCB Layout
14
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com