Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  Nano-Power Programmable Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 4Page - Texas Instruments TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments TPL5000 Datasheet HTML 10Page - Texas Instruments TPL5000 Datasheet HTML 11Page - Texas Instruments TPL5000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LOW POWER
OSCILLATOR
CONTROL
FREQUENCY
DIVIDER
D0
D1
D2
RSTn
WAKE
TCAL
DONE
PGOOD
GND
VDD
TPL5000
SNAS628B – JULY 2013 – REVISED DECEMBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The TPL5000 is a long-term timer with a watchdog feature for low-power applications. The TPL5000 is designed
for use in interrupt-driven applications and provides selectable timing from 1 s to 64 s. An additional supervisor
feature is achieved through interfacing the TPL5000 to a power-management IC.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Supervisor Feature
A critical event that can corrupt the memory of a microcontroller is a voltage supply drop (supply lower than
minimum operating range), and a reset of the microcontroller is mandatory if this occurs. Since the TPL5000 is
the right choice in systems which stay most of the time in deep sleep, due to its ultra-low power consumption, it
is fundamental that it takes into account the voltage drop events.
The TPL5000 implements a supervisory functionality when working with some power-management ICs which
indicate the status of the supply voltage with a power-good or battery-good output. The supervisory functionality
is enabled by simply connecting the Battery management power-good output to the TPL5000 PGOOD pin. If this
feature is not used connect the PGOOD pin to VDD.
In case the power management IC detects a voltage drop, lowering the PGOOD line, while the microcontroller is
in deep sleep mode (in which internal supervisors are usually off), the TPL5000 internally latches that event, and
when the PGOOD returns to high, it sends out a RESET signal to the microcontroller at the end of the elapsed
delay period.
Figure 6 shows the supervisor feature of the TPL5000. The sequence F, G is a standard sequence where the
microcontroller is in deep sleep and a voltage supply drop occurs (which is highlighted by the PGOOD high to
low transition). When PGOOD is high again, a reset pulse at the end of the delay period is sent to the
microcontroller (arrow F), then the microcontroller executes its routine (memory has been reloaded upon reset)
and sends the "DONE" signal.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com