Electronic Components Datasheet Search
  English  ▼

X  

LAN9500A Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN9500A
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500A Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN9500A Datasheet HTML 17Page - Microchip Technology LAN9500A Datasheet HTML 18Page - Microchip Technology LAN9500A Datasheet HTML 19Page - Microchip Technology LAN9500A Datasheet HTML 20Page - Microchip Technology LAN9500A Datasheet HTML 21Page - Microchip Technology LAN9500A Datasheet HTML 22Page - Microchip Technology LAN9500A Datasheet HTML 23Page - Microchip Technology LAN9500A Datasheet HTML 24Page - Microchip Technology LAN9500A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 21
LAN950x
4
+3.3V Analog
Power Supply
VDD33A
P
Refer to the device reference schematics for
connection information.
Note:
Pin 7 is a no-connect (NC) for
LAN9500A/LAN9500Ai, but may be
connected to VDD33A for backward
compatibility with LAN9500/LAN9500i.
1
External PHY
Bias Resistor
EXRES
AI
Used for the internal bias circuits. Connect to an
external resistor to ground.
For LAN9500A/LAN9500Ai use 12.0K 1.0%
For LAN9500/LAN9500i use 12.4K 1.0%.
1
Ethernet PLL
Power Supply
VDDPLL
P
This pin must be connected to VDDCORE for
proper operation.
Refer to Section 4.0 “Power Connections” and
the device reference schematics for additional
connection information.
TABLE 3-7:
I/O POWER PINS, CORE POWER PINS, AND GROUND PAD
Num Pins
Name
Symbol
Buffer
Type
Description
5
+3.3V I/O
Power
VDD33IO
P
Refer to the device reference schematics for
connection information.
2
Digital Core
Power Supply
Output
VDDCORE
P
Refer to Section 4.0, "Power Connections" and the
device reference schematics for connection
information.
Exposed pad
on package
bottom
(Figure 3-1)
Ground
VSS
P
Common Ground
TABLE 3-8:
NO-CONNECT PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1
No Connect
NC
-
These pins must be left floating for normal device
operation.
TABLE 3-6:
ETHERNET PHY PINS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com