Electronic Components Datasheet Search
  English  ▼

X  

LAN9500A Datasheet(PDF) 87 Page - Microchip Technology

Part # LAN9500A
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500A Datasheet(HTML) 87 Page - Microchip Technology

Back Button LAN9500A Datasheet HTML 83Page - Microchip Technology LAN9500A Datasheet HTML 84Page - Microchip Technology LAN9500A Datasheet HTML 85Page - Microchip Technology LAN9500A Datasheet HTML 86Page - Microchip Technology LAN9500A Datasheet HTML 87Page - Microchip Technology LAN9500A Datasheet HTML 88Page - Microchip Technology LAN9500A Datasheet HTML 89Page - Microchip Technology LAN9500A Datasheet HTML 90Page - Microchip Technology LAN9500A Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 87
LAN950x
Table 5-61, "Required EECLK Cycles", shown below, shows the number of EECLK cycles required for each EEPROM
operation.
5.7.4.2
Host Initiated EEPROM Reload
The Host can initiate a reload of the EEPROM by issuing the RELOAD command via the E2P Command (E2P_CMD)
register. If the first byte read from the EEPROM is not 0xA5, it is assumed that the EEPROM is not present, or not pro-
grammed, and the reload will fail. The Data Loaded bit of the E2P_CMD register indicates a successful reload of the
EEPROM.
5.7.4.3
EEPROM Command and Data Registers
Refer to Section 7.3.12, "EEPROM Command Register (E2P_CMD)," on page 136 and Section 7.3.13, "EEPROM Data
Register (E2P_DATA)," on page 139 for a detailed description of these registers. Supported EEPROM operations are
described in these sections.
5.7.4.4
EEPROM Timing
Refer to Section 8.5.4, "EEPROM Timing," on page 198 for detailed EEPROM timing specifications.
FIGURE 5-27:
EEPROM WRAL CYCLE
TABLE 5-61:
REQUIRED EECLK CYCLES
Operation
Required EECLK Cycles
ERASE
10
ERAL
10
EWDS
10
EWEN
10
READ
18
WRITE
18
WRAL
18
Note:
It is not recommended that the RELOAD command be used as part of normal operation, as race conditions
can occur with USB Commands that access descriptor data. It is best for the Host to issue a SRST to reload
the EEPROM data.
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
1
D7
D0
0
01
tCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com