Electronic Components Datasheet Search
  English  ▼

X  

LAN9500A Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN9500A
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500A Datasheet(HTML) 1 Page - Microchip Technology

  LAN9500A Datasheet HTML 1Page - Microchip Technology LAN9500A Datasheet HTML 2Page - Microchip Technology LAN9500A Datasheet HTML 3Page - Microchip Technology LAN9500A Datasheet HTML 4Page - Microchip Technology LAN9500A Datasheet HTML 5Page - Microchip Technology LAN9500A Datasheet HTML 6Page - Microchip Technology LAN9500A Datasheet HTML 7Page - Microchip Technology LAN9500A Datasheet HTML 8Page - Microchip Technology LAN9500A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 1
Highlights
• Single Chip Hi-Speed USB 2.0 to 10/100 Ethernet
Controller
• Integrated 10/100 Ethernet MAC with Full-Duplex
Support
• Integrated 10/100 Ethernet PHY with HP Auto-
MDIX support
• Integrated USB 2.0 Hi-Speed Device Controller
• Integrated USB 2.0 Hi-Speed PHY
• Implements Reduced Power Operating Modes
Target Applications
• Embedded Systems
• Set-Top Boxes
• PVRs
• CE Devices
• Networked Printers
• USB Port Replicators
• Standalone USB to Ethernet Dongles
• Test Instrumentation
• Industrial
Key Features
• USB Device Controller
- Fully compliant with Hi-Speed Universal
Serial Bus Specification Revision 2.0
- Supports HS (480 Mbps) and FS (12 Mbps)
modes
- Four endpoints supported
- Supports vendor specific commands
- Integrated USB 2.0 PHY
- Remote wakeup supported
• High-Performance 10/100 Ethernet Controller
- Fully compliant with IEEE802.3/802.3u
- Integrated Ethernet MAC and PHY
- 10BASE-T and 100BASE-TX support
- Full- and half-duplex support
- Full- and half-duplex flow control
- Preamble generation and removal
- Automatic 32-bit CRC generation and check-
ing
- Automatic payload padding and pad removal
- Loop-back modes
- TCP/UDP/IP/ICMP checksum offload support
- Flexible address filtering modes
–One 48-bit perfect address
–64 hash-filtered multicast addresses
–Pass all multicast
–Promiscuous mode
–Inverse filtering
–Pass all incoming with status report
- Wakeup packet support
- Integrated Ethernet PHY
–Auto-negotiation
–Automatic polarity detection and correction
–HP Auto-MDIX support
–Link status change wake-up detection
- Support for 3 status LEDs
- External MII and Turbo MII support Home-
PNA™ and HomePlug® PHY
• Power and I/Os
- Various low power modes
- NetDetach feature increases battery life1
- Supports PCI-like PME wake1
-11 GPIOs
- Supports bus-powered and self-powered
operation
- Integrated power-on reset circuit
- Single external 3.3v I/O supply
–Internal core regulator
• Miscellaneous Features
- EEPROM Controller
- Supports custom operation without
EEPROM1
- IEEE 1149.1 (JTAG) Boundary Scan
- Requires single 25 MHz crystal
•Software
- Windows XP/Vista Driver
- Linux Driver
- Win CE Driver
- MAC OS Driver
- EEPROM Utility
• Packaging
- 56-pin QFN (8x8 mm) RoHS Compliant
Environmental
- Commercial Temperature Range (0°C to
+70°C)
- Industrial Temperature Range (-40°C to
+85°C)
1 = LAN9500A/LAN9500Ai ONLY
LAN9500/LAN9500i/LAN9500A/LAN9500Ai
LAN950x USB 2.0 to 10/100 Ethernet Controller


Similar Part No. - LAN9500A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9500A SMSC-LAN9500A Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500A SMSC-LAN9500A Datasheet
688Kb / 2P
Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
LAN9500A-ABZJ SMSC-LAN9500A-ABZJ Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500A-ABZJ-TR SMSC-LAN9500A-ABZJ-TR Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500AI SMSC-LAN9500AI Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
More results

Similar Description - LAN9500A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
USB to 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9500 SMSC-LAN9500 Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com