| Electronic Components Datasheet Search |
|
LAN9500A Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9500A Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 213 page ![]() 2010 - 2015 Microchip Technology Inc. DS00001875A-page 13 LAN950x 1 MII Collision Detect (Internal PHY Mode) COL IS/O8 (PU) In internal PHY mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 122 for additional information. MII Collision Detect (External PHY Mode) COL IS (PD) In external PHY mode, the signal on this pin is input from the external PHY and indicates a collision event. General Purpose I/O 0 (Internal PHY Mode Only) GPIO0 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. Note: (LAN9500A/LAN9500Ai ONLY): This pin may be used to signal PME when Internal PHY and PME modes of operation are in effect. Refer to Section 6.0, "PME Operation," on page 112 for additional information. 1 Management Data (Internal PHY Mode) MDIO IS/O8 (PU) In internal PHY mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 122 for additional information. Management Data (External PHY Mode) MDIO IS/O8 (PD) In external PHY mode, this pin provides the management data to/from the external PHY. General Purpose I/O 1 (Internal PHY Mode Only) GPIO1 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. Note: (LAN9500A/LAN9500Ai ONLY): This pin may serve as the PME_MODE_SEL input when Internal PHY and PME modes of operation are in effect. Refer to Section 6.0, "PME Operation," on page 112 for additional information. 1 Management Clock (Internal PHY Mode) MDC IS/O8 (PU) In internal PHY mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 122 for additional information. Management Clock (External PHY Mode) MDC O8 (PD) In external PHY mode, this pin outputs the management clock to the external PHY. General Purpose I/O 2 (Internal PHY Mode Only) GPIO2 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. TABLE 3-1: MII INTERFACE PINS (CONTINUED) Num Pins Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |