Electronic Components Datasheet Search
  English  ▼

X  

LAN9500A Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN9500A
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500A Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN9500A Datasheet HTML 35Page - Microchip Technology LAN9500A Datasheet HTML 36Page - Microchip Technology LAN9500A Datasheet HTML 37Page - Microchip Technology LAN9500A Datasheet HTML 38Page - Microchip Technology LAN9500A Datasheet HTML 39Page - Microchip Technology LAN9500A Datasheet HTML 40Page - Microchip Technology LAN9500A Datasheet HTML 41Page - Microchip Technology LAN9500A Datasheet HTML 42Page - Microchip Technology LAN9500A Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 39
LAN950x
5.3.2.5
Get Status
5.3.2.5.1
Device Status
5.3.2.5.2
Endpoint 1 Status (Bulk In)
5.3.2.5.3
Endpoint 2 Status (Bulk Out)
TABLE 5-21:
FORMAT OF GET STATUS (DEVICE) SETUP STAGE
Offset
Field
Value
0h
bmRequestType
80h
1h
bRequest
00h
2h
wValue
00h
4h
wIndex
00h
6h
wLength
02h
TABLE 5-22:
FORMAT OF GET STATUS (DEVICE) DATA STAGE
Offset
Field
0h
{00h, 0h, 00b, Remote Wakeup, Self Powered}
TABLE 5-23:
FORMAT OF GET STATUS (ENDPOINT 1) SETUP STAGE
Offset
Field
Value
0h
bmRequestType
82h
1h
bRequest
00h
2h
wValue
00h
4h
wIndex
81h
6h
wLength
02h
TABLE 5-24:
FORMAT OF GET STATUS (ENDPOINT 1) DATA STAGE
Offset
Field
0h
{00h, 0h, 000b, Stall status}
TABLE 5-25:
FORMAT OF GET STATUS (ENDPOINT 2) SETUP STAGE
Offset
Field
Value
0h
bmRequestType
82h
1h
bRequest
00h
2h
wValue
00h
4h
wIndex
02h
6h
wLength
02h
TABLE 5-26:
FORMAT OF GET STATUS (ENDPOINT 2) DATA STAGE
Offset
Field
0h
{00h, 0h, 000b, Stall status}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com