Electronic Components Datasheet Search
  English  ▼

X  

LAN9500A Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN9500A
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500A Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN9500A Datasheet HTML 4Page - Microchip Technology LAN9500A Datasheet HTML 5Page - Microchip Technology LAN9500A Datasheet HTML 6Page - Microchip Technology LAN9500A Datasheet HTML 7Page - Microchip Technology LAN9500A Datasheet HTML 8Page - Microchip Technology LAN9500A Datasheet HTML 9Page - Microchip Technology LAN9500A Datasheet HTML 10Page - Microchip Technology LAN9500A Datasheet HTML 11Page - Microchip Technology LAN9500A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 213 page
background image
LAN950x
DS00001875A-page 8
 2010 - 2015 Microchip Technology Inc.
2.2.1
OVERVIEW
The LAN950x is a high performance solution for USB to 10/100 Ethernet port bridging. With applications ranging from
embedded systems, set-top boxes, and PVRs, to USB port replicators, USB to Ethernet dongles, and test instrumenta-
tion, the device is targeted as a high performance, low cost USB/Ethernet connectivity solution.
The LAN950x contains an integrated 10/100 Ethernet PHY, USB PHY, Hi-Speed USB 2.0 device controller, 10/100
Ethernet MAC, TAP controller, EEPROM controller, and a FIFO controller with a total of 30 KB of internal packet buffer-
ing. Two KB of buffer memory are allocated to the Transaction Layer Interface (TLI), while 28 KB are allocated to the
FIFO Controller (FCT).
The internal USB 2.0 device controller and USB PHY are compliant with the USB 2.0 Hi-Speed standard. The device
implements Control, Interrupt, Bulk-in, and Bulk-out USB Endpoints.
The Ethernet controller supports auto-negotiation, auto-polarity correction, HP Auto-MDIX, and is compliant with the
IEEE 802.3 and IEEE 802.3u standards. An external MII interface provides support for an external Fast Ethernet PHY,
HomePNA, and HomePlug functionality.
Multiple power management features are provided, including various low power modes and “Magic Packet”, “Wake On
LAN”, and “Link Status Change” wake events. These wake events can be programmed to initiate a USB remote wakeup.
An internal EEPROM controller exists to load various USB configuration information and the device MAC address. The
integrated IEEE 1149.1 compliant TAP controller provides boundary scan via JTAG.
2.2.2
USB
The USB portion of LAN950x consists of the USB Device Controller (UDC), USB Bulk Out Packet Receiver (URX), USB
Bulk In Packet Transmitter (UTX), Control Block (CTL), System Control and Status Registers (SCSR), and USB PHY.
The USB device controller (UDC) contains a USB low-level protocol interpreter that controls the USB bus protocol,
packet generation/extraction, PID/Device ID parsing, and CRC coding/decoding with autonomous error handling. It is
capable of operating either in USB 1.1 or 2.0 compliant modes. It has autonomous protocol handling functions like stall
condition clearing on setup packets, suspend/resume/reset conditions, and remote wakeup. It also autonomously han-
dles contingency operations for error conditions such as retry for CRC errors, Data toggle errors, and generation of
NYET, STALL, ACK and NACK depending on the endpoint buffer status. The UDC implements four USB endpoints:
Control, Interrupt, Bulk-In, and Bulk-Out.
The Control block (CTL) manages traffic to/from the control endpoint that is not handled by the UDC and constructs the
packets used by the interrupt endpoint. The CTL is responsible for handling some USB standard commands and all ven-
dor specific commands. The vendor specific commands allow for efficient statistics collection and access to the SCSR.
The URX and UTX implement the bulk-out and bulk-in pipes, respectively, which connect the USB Host and the UDC.
They perform the following functions:
The URX passes USB Bulk-Out packets to the FIFO Controller (FCT). It tracks whether or not a USB packet is errone-
ous. It instructs the FCT to flush erroneous packets by rewinding its write pointer.
The UTX retrieves Ethernet frames from the FCT and constructs USB Bulk-In packets from them. If the handshake for
a transmitted Bulk-In packet does not complete, the UTX is capable of retransmitting the packet. The UTX will not
instruct the FCT to advance its read head pointer until the current USB packet has been successfully transmitted to the
USB Host.
Both the URX and UTX are responsible for handling Ethernet frames encapsulated over USB by one of the following
methods.
• Multiple Ethernet frames per USB Bulk packet
• Single Ethernet frame per USB Bulk packet
The UDC also implements the System Control and Status Register (SCSR) space used by the Host to obtain status and
control overall system operation.
The integrated USB 2.0 compliant device PHY supports high speed and full speed modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com