Electronic Components Datasheet Search
  English  ▼

X  

L7292 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 30Page - STMicroelectronics L7292 Datasheet HTML 31Page - STMicroelectronics L7292 Datasheet HTML 32Page - STMicroelectronics L7292 Datasheet HTML 33Page - STMicroelectronics L7292 Datasheet HTML 34Page - STMicroelectronics L7292 Datasheet HTML 35Page - STMicroelectronics L7292 Datasheet HTML 36Page - STMicroelectronics L7292 Datasheet HTML 37Page - STMicroelectronics L7292 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Register map
L7292
34/60
DocID028601 Rev 1
9.2.4
PSRxLV.PSRxLVEN - voltage level selection enable
0: voltage level selection register disabled; voltage level is selected via MOD pins.
1: voltage level selection register enabled; output voltage changed according to the
register selection.
9.2.5
PSRxLV.PSRxOCDIS - overcurrent disable
0: overcurrent for the regulator is enabled.
1: overcurrent for the regulator is disabled.
9.2.6
PSRxCFG.PFMDIS - PFM disable
0: PFM mode enabled.
1: PWM mode forced in the light-load mode.
9.2.7
YYYxCFG.ORDER - order in power up sequence
0x0: first regulator to be turned on.
0x1: second regulator to be turned on.
…
0x5 - 0x7: last regulator to be turned on.
9.2.8
PSRxCFG.RSLEW - driver slew rate
0x0: 500 V/
s
0x1: 1000 V/
s
0x2 1500 V/
s
0x3: 2000 V
s
9.2.9
PSRxCFG.LSDIS - low side disable
0: low side enabled.
1: low side disabled.
9.2.10
YYYxCFG.UVM - mask undervoltage fault
0: undervoltage generates fault.
1: undervoltage does not generate fault.
9.2.11
SEQCFG.DLY2 - Delay 2
Delay between two sequence steps.
0x0: 0 ms / no delay
0x1: 0.5 ms
0x2: 1.0 ms
0x3: 2.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com