Electronic Components Datasheet Search
  English  ▼

X  

L6751B Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 7Page - STMicroelectronics L6751B Datasheet HTML 8Page - STMicroelectronics L6751B Datasheet HTML 9Page - STMicroelectronics L6751B Datasheet HTML 10Page - STMicroelectronics L6751B Datasheet HTML 11Page - STMicroelectronics L6751B Datasheet HTML 12Page - STMicroelectronics L6751B Datasheet HTML 13Page - STMicroelectronics L6751B Datasheet HTML 14Page - STMicroelectronics L6751B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
L6751B
Pin description and connection diagram
Doc ID 024028 Rev 1
11/58
27
SCSP
A
Single-phase section current senses positive input.
Connect through an R-C filter to the phase-side of the channel 1 inductor.
28
SCSN
A
Single-phase section current senses negative input.
Connect through an Rg resistor to the output-side of the channel inductor.
Filter the output-side of Rg with 100 nF (typ.) to GND.
29
SIMON
A
Current monitor output.
A current proportional to the single-phase current is sourced from this pin.
Connect through a resistor RSIMON to GND.
When the pin voltage reaches 1.55 V, overcurrent protection is set and the
IC latches. Filtering through CSIMON to GND allows the delay for OC
intervention to be controlled.
30
DPM4-6
A
Connect a resistor divider to GND/VCC5 in order to define the DPM and
GDC strategies. See Table 11 and Table 12 for details.
31
SRGND
A
Remote buffer ground sense.
Connect to the negative side of the single-phase load to perform remote
sense.
32
DPM1-3
A
Connect a resistor divider to GND/VCC5 in order to define the DPM and
GDC strategies. See Table 11 and Table 12 for details.
33
SFBR
A
Remote buffer positive sense.
Connect to the positive side of the single-phase load to perform remote
sense.
34
SVSEN
A
Remote buffer output.
Output voltage monitor, manages OV and UV protection.
Connect with a resistor RSFB // (RSI - CSI) to SFB.
35
SFB
A
Error amplifier inverting input.
Connect with a resistor RSFB // (RSI - CSI) to SVSEN and with an (RSF -
CSF)// CSH to SCOMP.
36
SCOMP
A
Error amplifier output.
Connect with an (RSF - CSF)// CSH to SFB. The device cannot be disabled
by pulling low this pin.
Table 2.
Pin description (continued)
Pin#
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com