Electronic Components Datasheet Search
  English  ▼

X  

L6751B Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 38Page - STMicroelectronics L6751B Datasheet HTML 39Page - STMicroelectronics L6751B Datasheet HTML 40Page - STMicroelectronics L6751B Datasheet HTML 41Page - STMicroelectronics L6751B Datasheet HTML 42Page - STMicroelectronics L6751B Datasheet HTML 43Page - STMicroelectronics L6751B Datasheet HTML 44Page - STMicroelectronics L6751B Datasheet HTML 45Page - STMicroelectronics L6751B Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
Efficiency optimization
L6751B
42/58
Doc ID 024028 Rev 1
‘ILIM pin is lightly filtered in order to perform fast reaction of OC protection while IMON is
heavily filtered to perform correct averaging of the information.
While working continuously in DPM, the device compares the information of IMON and ILIM:
ILIM voltage is divided in N steps whose width is VOCP/(2*N) (where VOCP = 2.5 V and N the
number of stuffed phases).
If the DPM phase number resulting from IMON is not coherent with the step in which ILIM
stays, the phase number is increased accordingly.
The mechanism is active only to increase the phase number which is reduced again by
DPM.
9.2
Variable frequency diode emulation (VFDE)
As the current required by the load is reduced, the L6751B progressively reduces the
number of switching phases according to DPM settings on the multi-phase section. If single-
phase operation is configured, when the delivered current approaches the CCM/DCM
boundary, the controller enters VFDE operation. Single-phase section, being a single-
phase, enters VFDE operation always when the delivered current approaches the
CCM/DCM boundary.
In a common single-phase DC-DC converter, the boundary between CCM and DCM is
when the delivered current is perfectly equal to 1/2 of the peak-to-peak ripple into the
inductor (Iout = Ipp/2).
Further decreasing the load in this condition maintaining CCM operation would cause the
current into the inductor to reverse, so sinking current from the output for a part of the off-
time. This results in a poorly efficient system.
The L6751B is able (via the CSPx/CSNx pins) to detect the sign of the current across the
inductor (zero cross detection, ZCD), so it is able to recognize when the delivered current
approaches the CCM/DCM boundary. In VFDE operation, the controller fires the high-side
MOSFET for a TON and the low-side MOSFET for a TOFF (the same as when the controller
works in CCM mode) and waits the necessary time until next firing in high impedance (HiZ).
The consequence of this behavior is a linear reduction of the “apparent” switching frequency
that, in turn, results in an improvement of the efficiency of the converter when in very light
load conditions.
The “apparent” switching frequency reduction is limited to 30 kHz so as not to enter the
audible range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com