Electronic Components Datasheet Search
  English  ▼

X  

L6751B Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 15Page - STMicroelectronics L6751B Datasheet HTML 16Page - STMicroelectronics L6751B Datasheet HTML 17Page - STMicroelectronics L6751B Datasheet HTML 18Page - STMicroelectronics L6751B Datasheet HTML 19Page - STMicroelectronics L6751B Datasheet HTML 20Page - STMicroelectronics L6751B Datasheet HTML 21Page - STMicroelectronics L6751B Datasheet HTML 22Page - STMicroelectronics L6751B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
L6751B
Electrical specifications
Doc ID 024028 Rev 1
19/58
FBG DISC
FBG disconnection
FBR input wrt VID
950
1000
1050
mV
VR_RDY,
SVR_RDY
Voltage low
ISINK = -4 mA
0.4
V
VOC_TOT
OC threshold, MPhase
VILIM rising, to GND
2.5
V
VSOC_TOT
OC threshold, SPhase
VSIMON rising, to GND
1.55
V
IOC_TH
Constant current(1)
MPhase only
35
μA
VR_HOT
Voltage low
ISINK = -4mA
13
Ω
Gate drive control
GDC
Max. current
Any PS.
200
mA
Impedance
PS00h (GDC=VCC12)
6
Ω
> PS00h; (GDC=VCC5)
6
Ω
1.
Guaranteed by design, not subject to test.
Table 5.
Electrical characteristics (continued)
(VCC5 = 5 V ± 5%, TJ = 0 °C to 70 °C unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com