Electronic Components Datasheet Search
  English  ▼

X  

L6751B Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 8Page - STMicroelectronics L6751B Datasheet HTML 9Page - STMicroelectronics L6751B Datasheet HTML 10Page - STMicroelectronics L6751B Datasheet HTML 11Page - STMicroelectronics L6751B Datasheet HTML 12Page - STMicroelectronics L6751B Datasheet HTML 13Page - STMicroelectronics L6751B Datasheet HTML 14Page - STMicroelectronics L6751B Datasheet HTML 15Page - STMicroelectronics L6751B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
Pin description and connection diagram
L6751B
12/58
Doc ID 024028 Rev 1
37
IMAX /
SIMAX
A
Connect a resistor divider to GND/VCC5 in order to define the IMAX and
SIMAX registers. See Table 8 and Table 6 for details.
38
GND
A
GND connection. All internal references and logic are referenced to this
pin. Filter to VCC5 with proper MLCC capacitor and connect to the PCB
GND plane.
39
SMDATA
D
PMBus data
40
SMAL#
D
PMBus alert
41
SMCLK
D
PMBus clock
42
NC
-
Not internally bonded
43
ADDR
A
Connect a resistor divider to GND/VCC5 in order to configure the IC oper-
ating mode. See Table 9 and Table 6 for details.
44
STM
A
Thermal monitor sensor.
Connect with proper network embedding NTC to the single-phase power
section. The IC senses the power section temperature and uses the infor-
mation to define the VR_HOT signal and temperature monitoring.
By programming proper STCOMP gain, the IC also implements load-line
and SIMON thermal compensation for the single-phase section when
applicable. Short to GND if not used. See Section 8 for details.
45
STCOMP
A
Thermal monitor sensor gain.
Connect proper resistor divider between VCC5 and GND to define the gain
to apply to the signal sensed by STM to implement thermal compensation
for the single-phase section. Short to GND to disable temperature com-
pensation. See Section 8 for details.
46
OSC
A
Oscillator pin.
It allows the programming of the switching frequency FSW for the multi-
phase section. The pin is internally set to 1.02 V, frequency for multi-phase
is programmed according to the resistor connected to GND or VCC with a
gain of 10 kHz/µA. Leaving the pin floating programs a switching frequency
of 200 kHz per phase. Effective frequency observable on the load results
as being multiplied by the number of active phases N. See Section 10 for
details.
47
VIN
A
Input voltage monitor.
Connect to input voltage monitor point through a divider RVUP / RVDWN to
perform VIN sense through PMBus (RUP = 118.5 kΩ; RDOWN = 10 kΩ
typ.).
n/a
NC
-
Not internally bonded
Table 2.
Pin description (continued)
Pin#
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com