Electronic Components Datasheet Search
  English  ▼

X  

L6751B Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 16Page - STMicroelectronics L6751B Datasheet HTML 17Page - STMicroelectronics L6751B Datasheet HTML 18Page - STMicroelectronics L6751B Datasheet HTML 19Page - STMicroelectronics L6751B Datasheet HTML 20Page - STMicroelectronics L6751B Datasheet HTML 21Page - STMicroelectronics L6751B Datasheet HTML 22Page - STMicroelectronics L6751B Datasheet HTML 23Page - STMicroelectronics L6751B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Device configuration and pinstrapping tables
L6751B
20/58
Doc ID 024028 Rev 1
4
Device configuration and pinstrapping tables
The L6751B features a universal serial data bus fully compliant with Intel VR12/IMVP7
Protocol rev1.5, document #456098 and AMD SVI specifications, document #40182. To
guarantee proper device and CPU operation, refer to these documents for bus design,
layout guidelines and any additional information required for the bus architecture. Different
platforms may require different pull-up impedance on the SVI bus. Impedance matching and
spacing among SVI bus lines must be followed.
The controller configures itself automatically upon detection of different pinstrappings which
are monitored at the IC power-up. See Table 6, 8, 9, 10 e 11 for details.
4.1
JMode
When enabled, multi-phase acts as if in DDR mode, while single-phase is an independent
regulator with 0.75 V fixed reference (load-line disabled - TM can be used as enable for the
single-phase).
Output voltage higher than the internal reference may be achieved by adding a proper
resistor divider (RA, RB - see Figure 4). To maintain precision in output voltage regulation, it
is recommended to provide both SFBR and SRGND with the same divider.
Equation 1
Figure 4.
JMode: voltage positioning
V
OUT
0.750V
RA
RB
+
RB
-----------------------
⋅
=
0.750 V
SFB
SCOMP
SVSEN
SFBR
RF
CF
RFB
To Vout
(Remote Sense)
SRGND
RA
RA
RB
RB
AM14836v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com