Electronic Components Datasheet Search
  English  ▼

X  

L6751B Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6751B
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6751B Datasheet HTML 13Page - STMicroelectronics L6751B Datasheet HTML 14Page - STMicroelectronics L6751B Datasheet HTML 15Page - STMicroelectronics L6751B Datasheet HTML 16Page - STMicroelectronics L6751B Datasheet HTML 17Page - STMicroelectronics L6751B Datasheet HTML 18Page - STMicroelectronics L6751B Datasheet HTML 19Page - STMicroelectronics L6751B Datasheet HTML 20Page - STMicroelectronics L6751B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
L6751B
Electrical specifications
Doc ID 024028 Rev 1
17/58
Soft-start
SS time - Intel CPU mode
Vboot > 0, from pinstrapping; multi-
phase section
5mV/
μS
Vboot > 0, from pinstrapping; single-
phase section
2.5
mV/
μS
Vboot > 0, from pinstrapping; single-
phase section, JMode ON
2.5
mV/
μS
SS time - Intel DDR mode
Vboot > 0, from pinstrapping; multi-
phase section
2.5
mV/
μS
Vboot > 0, from pinstrapping; single-
phase section
1.25
mV/
μS
SS time - AMD mode
Vboot > 0, from pinstrapping; both
sections
6.25
mV/
μS
EN
Turn-ON
VEN rising
0.6
V
Turn-OFF
VEN falling
0.4
V
Leakage current
1
μA
SVI serial bus
SVCLCK,
SVDATA
Input high
0.65
V
Input low
0.45
V
SVDATA,
ALERT#
Voltage low (ACK)
ISINK = -5 mA
50
mV
PMBus
SMDATA,
SMCLK
Input high
1.75
V
Input low
1.45
V
SMAL#
Voltage low
ISINK = -4 mA
13
Ω
Reference and DAC
kVID
VOUT accuracy (MPhase)
IOUT = 0 A; N = 6; RG = 540 Ω; RFB
= 1.108 k
Ω; VID >1.000 V
-0.5
0.5
%
kSVID
VOUT accuracy (SPhase)
IOUT = 0 A; RG = 1.3 kΩ ; VID
>1.000 V
-0.5
0.5
%
IOUT = 0 A; RG = 1.3 kΩ; VID >1.000
V; JMODE = ON
-5
5
mV
kVID, kSVID
VOUT accuracy
VID = 0.8 V to 1 V
-5
5
mV
VID <0.8 V
-8
8
mV
kVOUT
VOUT accuracy - AMD
mode
-20
20
mV
Table 5.
Electrical characteristics (continued)
(VCC5 = 5 V ± 5%, TJ = 0 °C to 70 °C unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com