Electronic Components Datasheet Search
  English  ▼

X  

ST2100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 3Page - STMicroelectronics ST2100 Datasheet HTML 4Page - STMicroelectronics ST2100 Datasheet HTML 5Page - STMicroelectronics ST2100 Datasheet HTML 6Page - STMicroelectronics ST2100 Datasheet HTML 7Page - STMicroelectronics ST2100 Datasheet HTML 8Page - STMicroelectronics ST2100 Datasheet HTML 9Page - STMicroelectronics ST2100 Datasheet HTML 10Page - STMicroelectronics ST2100 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DocID025777 Rev 1
7/39
ST2100
Main features
39
2
Main features
Configurable hardware engine for multiple HomePlug PHY and real-time MAC layers
HomePlug™ AV and 1.0 standards
HomePlug Green PHY standard
Integrated analog front-end
Programmable gain amplifier: gain range -12 dB to 48 dB
ADC and DAC
2.5 V voltage regulator
Zero crossing (ZC) comparator
ARM926EJ-S™ 32-bit RISC CPU up to 333 MHz
16 Kbyte if instruction cache, 16 Kbyte of data cache
32 Kbyte of instruction TCM and 16 Kbyte of data TCM
Three instruction sets: 32-bit for high performance, 16-bit (Thumb®) for efficient
code density, bytecode Java™ mode (Jazelle™) for direct execution of Java code
AMBA™ bus interface with fMAX 166 MHz
48 Kbyte on-chip boot ROM
8 Kbyte on-chip SRAM
8/16 bit DDR mobile at 166 MHz and DDR2 at 333 MHz memory controller
Serial memory interface
8/16-bits NOR Flash/NAND Flash and SRAM memory controller
Boot capability from NAND Flash, serial/parallel NOR Flash, and UART
Multichannel DMA controller (8 FIFOs and 16 dedicated channels)
Ethernet 10/100 MAC with MII interface (IEEE 802.3), RevMII, IEEE 802.1-AS and
802.1-Qav for audio video (AV) traffic
USB 2.0 (high-full-low speed) port with an integrated PHY able to work as a host or
device
PCI Express GEN1 (PCI Express standard version 1.1), single lane X1 dual mode
(both “Root Complex” and “Endpoint” modes supported), the PHY is a standard
8-bit/16-bit PIPE PHY interface. This peripheral supports also the serial ATA compliant
with the SATA/150.
Color LCD controller (up to 1024 x 768 resolution at 24 bpp true color, STN/TFT display
panels)
JPEG codec accelerator (1 clock/pixel)
Cryptographic coprocessor (DMA based programmable engine) with support for:
Advanced encryption standard (AES) cipher (128, 192, 256 bit keys) in ECB,
CBC, CTR modes
Data encryption standard (DES) and triple DES (TDES) cipher in ECB and CBC
modes
SHA-1, HMAC-SHA-1, SHA-256, HMAC-SHA-256, MD5, HMAC-MD5 digests
Up to 40 GPIOs (multiplexed with peripheral I/Os), all the I/Os have interrupt capability,
24 application specific GPIOs: four I/Os support PWM and four I/Os support double
PWM features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com