Electronic Components Datasheet Search
  English  ▼

X  

ST2100 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 4Page - STMicroelectronics ST2100 Datasheet HTML 5Page - STMicroelectronics ST2100 Datasheet HTML 6Page - STMicroelectronics ST2100 Datasheet HTML 7Page - STMicroelectronics ST2100 Datasheet HTML 8Page - STMicroelectronics ST2100 Datasheet HTML 9Page - STMicroelectronics ST2100 Datasheet HTML 10Page - STMicroelectronics ST2100 Datasheet HTML 11Page - STMicroelectronics ST2100 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Main features
ST2100
8/39
DocID025777 Rev 1
Enhanced I2S for 4-channel “Digital Audio Interface“ (DAI)
Master/slave SSP (Motorola SPI, Texas Instruments, National Semiconductor
protocols) up to 5 Mbits/s in slave mode and up to 20 Mbits/s in master mode
I2C master/slave mode
Two independent UARTs supporting hardware (HW) flow control
Fast IrDA (SIR/MIR/FIR)
Three pairs of 16-bit general purpose timers with programmable 8-bit prescaler
Real-time clock (RTC)
Configurable serial port (SPORT) interface for external DSP and audio codec (ADC
and DAC in I2S mode)
Transport stream interface (Video TS also called “Synchronous peripheral bus”) for
external MPEG- 2/H.264 encoder and decoder. TS port also implements image sensor
interface (CCD camera)
Watchdog timer
Clock synthesizer (4 outputs)
Vectored interrupt controller (VIC)
JTAG (IEEE1149.1) interface
ETM9 interface
Multichannel cryptographic coprocessor. DES/TDES and AES security for the
powerline link
PGC (IR) interface
Supply voltages: 1.2 V core, 1.8 V / 2.5 V DDR, 2.5 V AFE and PLLs, 1.5 V RTC and
3.3 V I/Os
Available in a TFBGA373 package (12 x 12 x 1.2 mm, pitch 0.5 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com