Electronic Components Datasheet Search
  English  ▼

X  

ST2100 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 30Page - STMicroelectronics ST2100 Datasheet HTML 31Page - STMicroelectronics ST2100 Datasheet HTML 32Page - STMicroelectronics ST2100 Datasheet HTML 33Page - STMicroelectronics ST2100 Datasheet HTML 34Page - STMicroelectronics ST2100 Datasheet HTML 35Page - STMicroelectronics ST2100 Datasheet HTML 36Page - STMicroelectronics ST2100 Datasheet HTML 37Page - STMicroelectronics ST2100 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Electrical characteristics
ST2100
34/39
DocID025777 Rev 1
7.3
DC electrical characteristics
The recommended operating conditions are listed in Table 22 and Table 23.
Thermal simulations should be done to verify if additional cooling is required. These
simulations should take into account power consumption, PCB dissipation, air flow and/or
heatsinks. The STreamPlug device can perform correctly above the specified ambient
temperature range if the maximum junction temperature remains below 125 °C.
Table 21. Power consumption using 2.5 V internal LDO
Symbol
Parameter
Typical Unit
PD (core supply)
Power consumption of 1.2 V supply voltage for the core
460
mW
PD (IO supply)
Power consumption of 3.3 V supply voltage for the I/Os
630
mW
PD (DDR supply)
Power consumption of 1.8 V supply voltage for the DDR
interface
170
mW
PD (RTC supply)
Power consumption of 1.5 V supply voltage for the RTC
9
µW
Table 22. Recommended operating conditions
Symbol
Parameter
Min.
Typical
Max.
Unit
VDD1.2
Supply voltage for the core
1.08
1.2
1.32
V
VDD3.3
Supply voltage for the I/Os
2.97
3.3
3.63
V
VDD2.5
Supply voltage for the analog peripherals
2.25
2.5
2.75
V
VDD1.8/2.5
Supply voltage for the DDR
-10% 2.5 V / 1.8 V +10%
V
VDD1.5
Supply voltage for the RTC
1.3
1.5
2.0
V
VDD3.3 REG
Supply voltage for 2.5 V linear regulator
2,97
3.3
3.63
V
Table 23. Thermal recommended ratings
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage temperature range
-55
150
°C
TJ
Junction temperature
-40
125
Ta
Ambient temperature
-40
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com