Electronic Components Datasheet Search
  English  ▼

X  

ST2100 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 6Page - STMicroelectronics ST2100 Datasheet HTML 7Page - STMicroelectronics ST2100 Datasheet HTML 8Page - STMicroelectronics ST2100 Datasheet HTML 9Page - STMicroelectronics ST2100 Datasheet HTML 10Page - STMicroelectronics ST2100 Datasheet HTML 11Page - STMicroelectronics ST2100 Datasheet HTML 12Page - STMicroelectronics ST2100 Datasheet HTML 13Page - STMicroelectronics ST2100 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Architecture description
ST2100
10/39
DocID025777 Rev 1
3.1
CPU subsystem
ARM926EJ-S™ running at 333 MHz with:
–
MMU
–
16 Kbyte of instruction cache
–
16 Kbyte of data cache
–
32 Kbyte of instruction “Tightly Coupled Memory“ (TCM)
–
16 Kbyte of data “Tightly Coupled Memory” (TCM)
–
AMBA bus interface
–JTAG
–
ETM9 (Embedded Trace Macrocell) for debug, medium size version
Interrupt controller managing sources which are prioritized and vectorized
3.2
System bus
The system bus structure allows different subsystem data flows to be executed in parallel
improving the core platform efficiency.
High performance master agents are directly interconnected with the memory controller
reducing the memory access latency. The overall memory bandwidth assigned to each
master port can be programmed and optimized through an internal efficient weighted round-
robin arbitration mechanism.
Table 2 shows the system bus scheme and Table 3 is the key to its contents.
Table 2. System bus connectivity
Targets
(slave ports)
MP SDRAM
X
X
X
X
X
X
X
X
X
X
Low speed
X
X
X
Application
X
X
X
Basic
X
X
High speed
X
X
Expi
X
X
Table 3. Key to system bus connectivity matrix
Format
Definition
Grey box
No connection exists between target and initiator
X
A connection exists between target and initiator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com