Electronic Components Datasheet Search
  English  ▼

X  

ST2100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2100 Datasheet HTML 1Page - STMicroelectronics ST2100 Datasheet HTML 2Page - STMicroelectronics ST2100 Datasheet HTML 3Page - STMicroelectronics ST2100 Datasheet HTML 4Page - STMicroelectronics ST2100 Datasheet HTML 5Page - STMicroelectronics ST2100 Datasheet HTML 6Page - STMicroelectronics ST2100 Datasheet HTML 7Page - STMicroelectronics ST2100 Datasheet HTML 8Page - STMicroelectronics ST2100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
This is information on a product in full production.
May 2014
DocID025777 Rev 1
1/39
ST2100
Broadband powerline communication SoC optimized for
audio/video streaming and consumer applications
Datasheet
- production data
Features
 Configurable HW engine for multiple
HomePlug® PHY and real-time MAC layers
processing supporting:
– HomePlug AV and 1.0 standards
– HomePlug Green PHY™ standard
 Integrated analog front-end
 ARM926EJ-S™ 32-bit RISC CPU up to 333
MHz
 8/16 bit DDR mobile at 166 MHz and DDR2 at
333 MHz memory controller
 Serial memory interface
 8/16-bits NOR Flash/NAND Flash and SRAM
memories controllers
 Multichannel DMA controller
 Ethernet 10/100 MAC with MII interface
 USB 2.0
 PCI Express and S-ATA
 Color LCD (CLCD) controller
 JPEG codec accelerator
 Cryptographic coprocessor
 Up to 40 GPIOs
 Enhanced I2S (digital audio interface)
 I2C master/slave mode
 Master/slave SSI
 Two independent UARTs
 Fast IrDA®
 Real-time clock
 Configurable serial port (SPORT) interface for
external DSP and audio codec (ADC and DAC)
in I2S mode
 Transport stream interface (video TS)
 Vectored interrupt controller (VIC)
 JTAG (IEEE1149.1) interface
 Three CPU instruction sets
Applications
The STreamPlug ST2100 is configurable for
a wide range of powerline applications such as:
 Smart gateway
 Powerline communication bridging, including
wireless
 Smart grid
 Electromobility
 In house audio/video distribution
 Video surveillance
 Home automation
 “Network Area Storage” (NAS)
 Display panels control
TFBGA 12 x 12 x 1.2 mm
Table 1. Device summary
Order code
Operating temp. range
Package
Packing
ST2100
-40 to +85 °C
TFBGA 12 x 12 x 1.2 mm, pitch 0.5 mm
Tray, tape and reel
www.st.com


Similar Part No. - ST2100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C30R0 IRF-ST2100C30R0 Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
ST2100C30R0L IRF-ST2100C30R0L Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
ST2100C30R1 IRF-ST2100C30R1 Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
ST2100C30R1L IRF-ST2100C30R1L Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
More results

Similar Description - ST2100

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
Transceiver for Powerline Communication
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20 Datasheet
1Mb / 44P
Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
Powerline Communication Solution Integrated Powerline Modem PHY
logo
Maxim Integrated Produc...
MAX2982 MAXIM-MAX2982 Datasheet
1Mb / 3P
Industrial Broadband Powerline Modem
Rev 0; 9/11
logo
Cypress Semiconductor
CY8CPLC20 CYPRESS-CY8CPLC20_12 Datasheet
902Kb / 56P
Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
Powerline Communication Solution
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
CAN over Powerline Communication
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
Bidirectional DC Powerline Communication Management IC
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com