Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB322I
Description  Configuration Channel Logic and Port Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB322I Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 13Page - Texas Instruments TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments TUSB322I Datasheet HTML 16Page - Texas Instruments TUSB322I Datasheet HTML 17Page - Texas Instruments TUSB322I Datasheet HTML 18Page - Texas Instruments TUSB322I Datasheet HTML 19Page - Texas Instruments TUSB322I Datasheet HTML 20Page - Texas Instruments TUSB322I Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
TUSB322I
www.ti.com
SLLSEO5 – OCTOBER 2015
7.6 Register Maps
7.6.1 CSR Registers
Table 8. CSR Registers
Offset
Reset
Register Name
Section
[0x00, 0x54, 0x55, 0x53,
0x07 through 0x00
Device Identification
Device Identification Register
0x42, 0x33, 0x32, 0x32]
0x08
0x00
Connection Status
Connection Status Register
0x09
0x20
Connection Status and Control
Connection Status and Control Register
0x0A
0x00
General Control
General Control Register
0xA0
0x02
Device Revision
Device Revision Register
7.6.1.1 Device Identification Register (offset = 0x07 through 0x00) [reset = 0x00, 0x54, 0x55, 0x53, 0x42,
0x33, 0x32, 0x32]
Figure 3. Device Identification Register
7
6
5
4
3
2
1
0
DEVICE_ID
R-0
LEGEND: R = Read only; -n = value after reset
Table 9. Device Identification Register Field Descriptions
Bit
Field
Type
Reset
Description
For the TUSB322I device these fields return a string of ASCII
characters returning TUSB322I
7-0
DEVICE_ID
R
Addresses 0x07 - 0x00 = {0x00, 0x54, 0x55, 0x53, 0x42, 0x33,
0x32, 0x32}
7.6.1.2 Connection Status Register (offset = 0x08) [reset = 0x00]
Figure 4. Connection Status Register
7
6
5
4
3
2
1
0
CURRENT_MODE_ADVERTISE
CURRENT_MODE_DETECT
ACCESSORY_CONNECTED
ACTIVE_CABL
E_DETECTION
RW
RU
RU
RU
LEGEND: R/W = Read/Write; R/U = Read/Update
Table 10. Connection Status Register Field Descriptions
Bit
Field
Type
Reset
Description
2'b00
These bits are programmed by the application to raise the
current advertisement from default.
00 – Default (500 mA / 900 mA) initial value at startup
7-6
CURRENT_MODE_ADVERTISE
R
01 – Mid (1.5 A)
10 – High (3 A)
11 – Reserved
2'b00
These bits are set when a UFP determines the Type-C Current
mode.
00 – Default (value at start up)
5-4
CURRENT_MODE_DETECT
RU
01 – Medium
10 – Charge through accessory – 500 mA
11 – High
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com