Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB322I
Description  Configuration Channel Logic and Port Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB322I Datasheet(HTML) 1 Page - Texas Instruments

  TUSB322I Datasheet HTML 1Page - Texas Instruments TUSB322I Datasheet HTML 2Page - Texas Instruments TUSB322I Datasheet HTML 3Page - Texas Instruments TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
CC1
CC2
GPIO
CC Logic
For Mode
Configuration
and Detection
ADDR
EN_N
VDD
Controller
GND
VBUS
Detection
VBUS_DET
VCONN
CC1
CC2
DIR
ID
SDA/OUT1
SCL/OUT2
INT_N/OUT3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB322I
SLLSEO5 – OCTOBER 2015
TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
1 Features
3 Description
The TUSB322I device enables USB Type-C ports
1
•
USB Type-C™ Specification 1.1
with the configuration channel (CC) logic required for
•
Backward Compatible with USB Type-C
Type-C ecosystems. The TUSB322I device uses the
Specification 1.0
CC pins to determine port attach and detach, cable
•
Supports Up to 3 A of Current Advertisement and
orientation, role detection, and port control for Type-C
current
mode.
The
TUSB322I
device
can
be
Detection
configured as a downstream facing port (DFP),
•
Mode Configuration
upstream facing port (UFP), or a dual role port (DRP),
–
Host Only – DFP/Source (I2C Mode only)
making
the
TUSB322I
device
ideal
for
any
–
Device Only – UFP/Sink (I2C Mode only)
application.
–
Dual Role Port – DRP
The TUSB322I device alternates configuration as a
DFP or UFP according to the Type-C Specifications.
•
Channel Configuration (CC)
The CC logic block monitors the CC1 and CC2 pins
–
Attach of USB Port Detection
for pullup or pulldown resistances to determine when
–
Cable Orientation Detection
a USB port has been attached, the orientation of the
–
Role Detection
cable, and the role detected. The CC logic detects
the Type-C current mode as default, medium, or high
–
Type-C Current Mode (Default, Medium, High)
depending on the role detected. VBUS detection is
•
VBUS Detection
implemented to determine a successful attach in UFP
•
I2C or GPIO Control
and DRP modes. The TUSB322I will supply VCONN
when an active cable is detected.
•
VCONN Support for Active Cables
•
Cable Detection and Direction Control
The device operates over a wide supply range and
for External Switches
has low-power consumption. The TUSB322I device is
available in industrial temperature ranges.
•
Role Configuration Control through I2C
•
Supply Voltage: 4.5 V to 5.5 V
Table 1. Device Information(1)
•
Low Current Consumption
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Industrial Temperature Range of –40 to 85°C
TUSB322I
X2QFN (12)
1.60 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
•
Host, Device, Dual Role Port Applications
•
Mobile Phones
•
Tablets and Notebooks
•
USB Peripherals
Simplified Schematic
Sample Applications
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB322I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
TUSB322I TI2-TUSB322I Datasheet
965Kb / 35P
TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
TUSB322I TI2-TUSB322I Datasheet
1Mb / 37P
TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
REVISED MARCH 2021
TUSB322IRWBR TI2-TUSB322IRWBR Datasheet
965Kb / 35P
TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
TUSB322IRWBR TI2-TUSB322IRWBR Datasheet
1Mb / 37P
TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
REVISED MARCH 2021
More results

Similar Description - TUSB322I

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12014 MOTOROLA-MC12014 Datasheet
776Kb / 14P
Counter Control Logic
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
TUSB320 TI1-TUSB320 Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320HI TI1-TUSB320HI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
logo
Zilog, Inc.
ZEPIR000102ZCOG ZILOG-ZEPIR000102ZCOG Datasheet
490Kb / 17P
Sensitivity control via simple hardware configuration
ZEPIR000103KITG ZILOG-ZEPIR000103KITG Datasheet
266Kb / 18P
Sensitivity control via simple hardware configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com