Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB322I
Description  Configuration Channel Logic and Port Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB322I Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 18Page - Texas Instruments TUSB322I Datasheet HTML 19Page - Texas Instruments TUSB322I Datasheet HTML 20Page - Texas Instruments TUSB322I Datasheet HTML 21Page - Texas Instruments TUSB322I Datasheet HTML 22Page - Texas Instruments TUSB322I Datasheet HTML 23Page - Texas Instruments TUSB322I Datasheet HTML 24Page - Texas Instruments TUSB322I Datasheet HTML 25Page - Texas Instruments TUSB322I Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
TUSB322I
SLLSEO5 – OCTOBER 2015
www.ti.com
Typical Application (continued)
8.2.1.1 Design Requirements
For the design example, use the parameters listed in Table 14.
Table 14. Design Requirements for DRP in I2C Mode
DESIGN PARAMETER
VALUE
VDD (4.5 to 5.5 V)
5 V
I2C
Mode (I2C or GPIO)
ADDR pin must be pulled down or pulled up
0x47
I2C address (0x67 or 0x47)
ADDR pin must be pulled low or tied to GND
DRP
Type-C port type (UFP, DFP, or DRP)
MODE_SELECT register = 2'b00.
VCONN Support
Yes
8.2.1.2 Detailed Design Procedure
The TUSB322I device supports a VDD in the range of 4.5 V to 5.5 V. In this particular use case, 5 V is connected
to the VDD pin. Because VCONN support is required for a DRP, the 5 V on VDD meets the USB Type-C VCONN
requirement of 4.75 V to 5.5 V. A 100-nF capacitor is placed near VDD. Also, a 100-µF capacitor is used to meet
the USB Type-C bulk capacitance requirement of 10 µF to 220 µF.
The TUSB322I device is placed into I2C mode by either pulling the ADDR pin high or low. In this case, the ADDR
pin is tied to GND which results in a I2C address of 0x47. The SDA and SCL must be pulled up to either 1.8 V or
3.3 V. When pulled up to 3.3 V, the VDD supply must be at least 3 V to keep from back-driving the I
2C interface.
The INT_N/OUT3 pin is used to notify the PMIC when a change in the TUSB322I I2C registers occurs. This pin is
an open drain output and requires an external pullup resistor. The pin should be pulled up to VDD using a 200-kΩ
resistor.
The ID pin is used to indicate when a connection has occurred if the TUSB322I device is a DFP while configured
for DRP. An OTG USB controller can use this pin to determine when to operate as a USB Host or USB Device.
When this pin is driven low, the OTG USB controller functions as a host and then enables VBUS. The Type-C
standard requires that a DFP not enable VBUS until it is in the Attached.SRC state. If the ID pin is not low but
VBUS is detected, then the OTG USB controller functions as a device. The ID pin is open drain output and
requires an external pullup resistor. The ID pin should be pulled up to VDD using a 200-kΩ resistor.
The DIR pin is used to control the mux for connecting the USB3 SS signals to the appropriate pins on the USB
Type-C receptacle. In this particular case, a HD3SS3212 is used as the mux. To minimize crossing in routing the
USB3 SS signals to the USB Type C connector, the connection of CC1 and CC2 to the TUSB322I is swapped.
When swapping the CC1 and CC2 connection, the CABLE_DIR register will also be reversed (0 = CC2 and 1 =
CC1).
The VBUS_DET pin must be connected through a 900-k
Ω resistor to VBUS on the Type-C that is connected. This
large resistor is required to protect the TUSB322I device from large VBUS voltage that is possible in present day
systems. This resistor along with internal pulldown keeps the voltage observed by the TUSB322I device in the
recommended range.
The USB2 specification requires the bulk capacitance on VBUS based on UFP or DFP. When operating the
TUSB322I device in a DRP mode, it alternates between UFP and DFP. If the TUSB322I device connects as a
UFP, the large bulk capacitance must be removed.
Table 15. USB2 Bulk Capacitance Requirements
PORT CONFIGURATION
MIN
MAX
UNIT
Downstream facing port (DFP)
120
µF
Upstream facing port (UFP)
1
10
µF
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com