Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB322I
Description  Configuration Channel Logic and Port Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB322I Datasheet(HTML) 3 Page - Texas Instruments

  TUSB322I Datasheet HTML 1Page - Texas Instruments TUSB322I Datasheet HTML 2Page - Texas Instruments TUSB322I Datasheet HTML 3Page - Texas Instruments TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
INT_N/OUT3
EN_N
12
11
10
9
8
7
6
5
4
3
2
1
GND
ID
VBUS_DET
VDD
DIR
ADDR
TUSB322I
www.ti.com
SLLSEO5 – OCTOBER 2015
5 Pin Configuration and Functions
RWB Package
12-Pin X2QFN
Top View
Table 2. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CC1
1
I/O
Type-C configuration channel signal 1
CC2
2
I/O
Type-C configuration channel signal 2
5-V to 28-V VBUS input voltage. VBUS detection determines UFP attachment. One 900-kΩ
VBUS_DET
3
I
external resistor required between system VBUS and VBUS_DET pin.
DIR of plug. The open drain output indicates the detected plug orientation: Type-C plug
DIR
4
O
position 2 (H); Type-C plug position 1 (L).
Tri-level input pin to indicate I2C address or GPIO mode:
H - I2C is enabled and I2C 7-bit address is 0x67.
ADDR
5
I
NC - GPIO mode (I2C is disabled)
L - I2C is enabled and I2C 7-bit address is 0x47.
ADDR pin should be pulled up to VDD if high configuration is desired
The INT_N/OUT3 is a dual-function pin. When used as the INT_N, the pin is an open drain
output in I2C control mode and is an active low interrupt signal for indicating changes in I2C
INT_N/OUT3
6
O
registers. When used as OUT3, the pin is in audio accessory detect in GPIO mode: no
detection (H), audio accessory connection detected (L).
The SDA/OUT1 is a dual-function pin. When I2C is enabled (ADDR pin is high or low), this
pin is the I2C communication data signal. When in GPIO mode (ADDR pin is NC), this pin is
SDA/OUT1
7
I/O
an open drain output for communicating Type-C current mode detect when the TUSB322I
device is in UFP mode: default current mode detected (H); medium or high current mode
detected (L).
The SCL/OUT2 is a dual function pin. When I2C is enabled (ADDR pin is high or low), this
pin is the I2C communication clock signal. When in GPIO mode (ADDR pin is NC), this pin is
SCL/OUT2
8
I/O
an open drain output for communicating Type-C current mode detect when the TUSB322I
device is in UFP mode: default or medium current mode detected (H); high current mode
detected (L).
Open drain output; asserted low when the CC pins detect device attachment when port is a
ID
9
O
source (DFP), or dual-role (DRP) acting as source (DFP).
GND
10
G
Ground
EN_N
11
I
EN_N. Active low enable.
VDD
12
P
Positive supply voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com