Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB322I
Description  Configuration Channel Logic and Port Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB322I Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments TUSB322I Datasheet HTML 16Page - Texas Instruments TUSB322I Datasheet HTML 17Page - Texas Instruments TUSB322I Datasheet HTML 18Page - Texas Instruments TUSB322I Datasheet HTML 19Page - Texas Instruments TUSB322I Datasheet HTML 20Page - Texas Instruments TUSB322I Datasheet HTML 21Page - Texas Instruments TUSB322I Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
TUSB322I
SLLSEO5 – OCTOBER 2015
www.ti.com
Table 10. Connection Status Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2'b00
These bits are read by the application to determine if an
accessory was attached.
000 – No accessory attached (default)
001 – Reserved
010 – Reserved
011 – Reserved
3-1
ACCESSORY_CONNECTED
RU
100 – Audio accessory
101 – Audio charged thru accessory
110 – Debug accessory when TUSB322I is connected as a
DFP.
111 – Debug accessory when TUSB322I is connected as a
UFP.
1'b0
This flag indicates that an active cable has been plugged into
0
ACTIVE_CABLE_DETECTION
RU
the Type-C connector. When this field is set, an active cable is
detected.
7.6.1.3 Connection Status and Control Register (offset = 0x09) [reset = 0x20]
Figure 5. Connection Status and Control Register
7
6
5
4
3
2
1
0
ATTACHED_STATE
CABLE_DIR
INTERRUPT_S
VCONN_FAUL
DRP_DUTY_CYCLE
DISABLE_UFP
TATUS
T
_ACCESSORY
RU
RU
RCU
RCU
RW
RW
LEGEND: R/W = Read/Write; R/U = Read/Update; R/C/U = Read/Clear/Update
Table 11. Connection Status and Control Register Field Descriptions
Bit
Field
Type
Reset
Description
2'b00
This is an additional method to communicate attach other than
the ID pin. These bits can be read by the application to
determine what was attached.
00 – Not attached (default)
7-6
ATTACHED_STATE
RU
01 – Attached.SRC (DFP)
10 – Attached.SNK (UFP)
11 – Attached to an accessory
1'b1
Cable orientation. The application can read these bits for cable
orientation information.
5
CABLE_DIR
RU
0 – CC1
1 – CC2 (default)
1'b0
The INT pin is pulled low whenever a CSR changes. When a
CSR change has occurred this bit should be held at 1 until the
application clears it.
4
INTERRUPT_STATUS
RCU
0 – Clear
1 – Interrupt (When INT_N is pulled low, this bit will be 1.
This bit is 1 whenever any CSR are changed)
1'b0
VCONN_FAULT Bit is set whenever a VCONN over-current limit
is triggered.
3
VCONN_FAULT
RCU
0 - No fault. (default)
1 - Interrupt (INT_N is asserted low)
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com