Electronic Components Datasheet Search
  English  ▼

X  

PAC5250 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # PAC5250
Description  Power Application Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5250 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button PAC5250 Datasheet HTML 35Page - Active-Semi, Inc PAC5250 Datasheet HTML 36Page - Active-Semi, Inc PAC5250 Datasheet HTML 37Page - Active-Semi, Inc PAC5250 Datasheet HTML 38Page - Active-Semi, Inc PAC5250 Datasheet HTML 39Page - Active-Semi, Inc PAC5250 Datasheet HTML 40Page - Active-Semi, Inc PAC5250 Datasheet HTML 41Page - Active-Semi, Inc PAC5250 Datasheet HTML 42Page - Active-Semi, Inc PAC5250 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
PAC5250
Power Application Controller
Table 21. Power Driver Resources by Part Number
PART
NUMBER
LOW-SIDE GATE
DRIVER
HIGH-SIDE GATE DRIVER
OPEN-DRAIN DRIVER
DRLx
SOURCE /
SINK
CURRENT
DXHx
MAX
SUPPLY
SOURCE/
SINK
CURRENT
OMx
PAC5250
6
1A/1A
3
600V
0.25A/0.5A
2 (23V/ 40mA)
The ASPD includes built-in configurable fault protection for the internal gate drivers. On PAC5250, the protection signal
ENHS2 are provided for external circuitry driver fault protection.
12.3.1. Low-Side Gate Driver
The DRLx low-side gate driver drives the gate of an external MOSFET or IGBT switch between the low-level VSSP power
ground rail and high-level VP supply rail. The DRLx output pin has sink and source output current capability of 1A. Each
low-side gate driver is controlled by a microcontroller port signal with 4 configurable levels of propagation delay.
12.3.2. Ultra-High-Voltage Gate Driver
The DXHx ultra-high-voltage high-side gate driver drives the gate of an external MOSFET or IGBT switch between its
low-level DXSx driver source rail and its high-level DXBx bootstrap rail. The DXSx pin can go up to 600V. The DXHx
output pin has 0.5A sink and 0.25A source output current capability. The DXBx bootstrap pin can have a maximum
operating voltage of 20V relative to the DXSx pin. The DXSx pin is designed to tolerate momentary switching negative
spikes down to -10V without affecting the DXHx output state. Each ultra-high-voltage high-side gate driver is controlled by
a microcontroller port signal.
For bootstrapped high-side operation, connect an appropriate capacitor between DXBx and DXSx and a properly rated
bootstrap diode from VP rail to DXBx.
12.3.3. High-Side Switching Transients
Typical high-side switching transients are shown in Figure 12-3(a). To ensure functionality and reliability, the DXSx and
DXBx pins must not exceed the peak and undershoot limit values shown. This should be verified by probing the DXSx and
DXBx pins directly relative to VSS pin. A small resistor and diode clamp for the DXSx pin can be used to make sure that
the pin voltage stays within the negative limit value. In addition, the high-side slew rate dV/dt must be kept within ±50V/ns
for DXSx. This can be achieved by adding a resistor-diode pair in series, and an optional capacitor in parallel with the
power switch gate. The parallel capacitor also provides a low impedance and close gate shunt against coupling from the
switch drain. These optional protection and slew rate control are shown in Figure 12-3(b).
- 39 -
Rev 1.6‒January 28, 2016
Figure 12-2. Typical Gate Driver Connections
DXHx
DRLx
DXSx
DXBx
V
P
V
IN
PAC5250
(To loads/inductors.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com