Electronic Components Datasheet Search
  English  ▼

X  

PAC5250 Datasheet(PDF) 41 Page - Active-Semi, Inc

Part # PAC5250
Description  Power Application Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5250 Datasheet(HTML) 41 Page - Active-Semi, Inc

Back Button PAC5250 Datasheet HTML 37Page - Active-Semi, Inc PAC5250 Datasheet HTML 38Page - Active-Semi, Inc PAC5250 Datasheet HTML 39Page - Active-Semi, Inc PAC5250 Datasheet HTML 40Page - Active-Semi, Inc PAC5250 Datasheet HTML 41Page - Active-Semi, Inc PAC5250 Datasheet HTML 42Page - Active-Semi, Inc PAC5250 Datasheet HTML 43Page - Active-Semi, Inc PAC5250 Datasheet HTML 44Page - Active-Semi, Inc PAC5250 Datasheet HTML 45Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
PAC5250
Power Application Controller
12.3.6. Gate Driver Fault Protection
The ASPD incorporates a configurable fault protection mechanism using two protection event signals from the
Configurable Analog Front End (CAFE), designated as protection event 1 (PR1) and protection event 2 (PR2) signals. The
DRL0/DRL1/DRL2 drivers are designated as low-side group 1, and the DRL3/DRL4/DRL5 gate drivers are designed as
low-side group 2. The DXH0/DXH1/DXH2 ultra-high-voltage gate drivers are designated as high-side group 1. The PR1
signal from the CAFE can be used to disable low-side group 1, high-side group 1, or both depending on the PR1 mask bit
settings. The PR2 signal from the CAFE can be used to disable low-side group 2, high-side group 2, or both depending on
the PR2 mask bit settings. ENHS2 (high-side group 2 control output) pin is provided for enabling external power drivers
with fault protection.
- 41 -
Rev 1.6‒January 28, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com