Electronic Components Datasheet Search
  English  ▼

X  

PAC5250 Datasheet(PDF) 44 Page - Active-Semi, Inc

Part # PAC5250
Description  Power Application Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5250 Datasheet(HTML) 44 Page - Active-Semi, Inc

Back Button PAC5250 Datasheet HTML 40Page - Active-Semi, Inc PAC5250 Datasheet HTML 41Page - Active-Semi, Inc PAC5250 Datasheet HTML 42Page - Active-Semi, Inc PAC5250 Datasheet HTML 43Page - Active-Semi, Inc PAC5250 Datasheet HTML 44Page - Active-Semi, Inc PAC5250 Datasheet HTML 45Page - Active-Semi, Inc PAC5250 Datasheet HTML 46Page - Active-Semi, Inc PAC5250 Datasheet HTML 47Page - Active-Semi, Inc PAC5250 Datasheet HTML 48Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
PAC5250
Power Application Controller
12.5. Typical Performance Characteristics
(VP = 12V, VSYS = 5V and TA = 25°C unless otherwise specified.)
- 44 -
Rev 1.6‒January 28, 2016
-40
0
40
80
120
25
20
15
10
5
0
Ultra-High-Voltage High-Side Gate Driver (DXHx)
On Resistance vs. Temperature
Temperature (°C)
Pull down
Pull up
PAC5250
-40
0
40
80
120
500
400
300
200
100
0
Low-Side Gate Driver (DRLx)
Turn-On Delay vs. Temperature
Temperature (°C)
00b setting (default)
11b setting
10b setting
C
L
= 1nF
01b setting
-40
0
40
80
120
500
400
300
200
100
0
Low-Side Gate Driver (DRLx)
Turn-Off Delay vs. Temperature
Temperature (°C)
00b setting (default)
11b setting
10b setting
01b setting
C
L
= 1nF
-40
0
40
80
120
1.0
0.8
0.6
0.4
0.2
0
Ultra-High-Voltage High-Side Gate Driver (DXHx)
Source/Sink Current vs. Temperature
Temperature (°C)
Source current
Sink current
PAC5250
-40
0
40
80
120
3
2
1
0
Low-Side Gate Driver (DRLx)
Source/Sink Current vs. Temperature
Temperature (°C)
Sink current
Source current
-40
0
40
80
120
8
7
6
5
4
3
2
1
0
Low-Side Gate Driver (DRLx)
On Resistance vs. Temperature
Temperature (°C)
Pull up
Pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com